Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4866ES Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4866ES
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866ES Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4866ES Datasheet HTML 1Page - Micro Linear Corporation ML4866ES Datasheet HTML 2Page - Micro Linear Corporation ML4866ES Datasheet HTML 3Page - Micro Linear Corporation ML4866ES Datasheet HTML 4Page - Micro Linear Corporation ML4866ES Datasheet HTML 5Page - Micro Linear Corporation ML4866ES Datasheet HTML 6Page - Micro Linear Corporation ML4866ES Datasheet HTML 7Page - Micro Linear Corporation ML4866ES Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ML4866
PIN DESCRIPTION
PIN CONFIGURATION
PIN
NAME
FUNCTION
1VOUT
Regulated 3.3V output
2
COMP
Connection point for an external
compensation network
3VREF
1.25V reference output
4
BURST
This pin controls when the control
circuit switches between PWM and
PFM modes of operation
ML4866
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
VOUT
COMP
VREF
BURST
GND
VL
SHDN
VIN
TOP VIEW
PIN
NAME
FUNCTION
5VIN
Input voltage
6
SHDN
Pulling this pin low shuts down the
regulator
7VL
Buck inductor connection
8
GND
Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com