Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4871 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4871
Description  High Current Boost Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4871 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4871 Datasheet HTML 1Page - Micro Linear Corporation ML4871 Datasheet HTML 2Page - Micro Linear Corporation ML4871 Datasheet HTML 3Page - Micro Linear Corporation ML4871 Datasheet HTML 4Page - Micro Linear Corporation ML4871 Datasheet HTML 5Page - Micro Linear Corporation ML4871 Datasheet HTML 6Page - Micro Linear Corporation ML4871 Datasheet HTML 7Page - Micro Linear Corporation ML4871 Datasheet HTML 8Page - Micro Linear Corporation ML4871 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ML4871
Figure 1. Application Test Circuit.
Figure 3. Inductor Current and Voltage Waveforms.
Figure 2. PFM Regulator Block Diagram.
ML4871
IOUT
200µF
100µF
VIN
20µH
(Sumida CD75)
VL1
VIN
GND
DETECT
PWR GND
RESET
VL2
VOUT
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
IL
VL2
IL(MAX)
ISET
VOUT
0
0
VL2
5
VOUT
6
+
–
VIN
IL
2
1.25V
START-UP
3
GND
VL1
1
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
+
–
+
–
8
PWR GND
A1
A2
A3
Q1
Q2
VOUT
RSENSE
ISET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com