Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148G-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N4148G-AL3-R
Description  HIGH-SPEED SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N4148G-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1N4148G-AL3-R Datasheet HTML 1Page - Unisonic Technologies 1N4148G-AL3-R Datasheet HTML 2Page - Unisonic Technologies 1N4148G-AL3-R Datasheet HTML 3Page - Unisonic Technologies 1N4148G-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4148
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R601-001.M
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Reverse Voltage
VRRM
100
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak
Forward Surge Current
Pulse Width = 1.0 sec
IFSM
1.0
A
Pulse Width = 1.0 ms
4.0
A
Power Dissipation(Note 3)
SOT-23
PD
350
mW
SOD-123
400
SOT-323
270
SOD-323/SOD-523
200
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-65 ~ +200
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. These ratings are based on a maximum junction temperature of 200°C.
3. Device mounted on FR-4 PCB minimum land pad.
THERMAL DATA
CHARACTERISTIC
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-23
θJA
357
℃/W
SOD-123
312
SOT-323
460
SOD-323/SOD-523
500
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Breakdown Voltage
VR
IR = 100μA
100
V
IR = 5.0μA
75
V
Forward Voltage
VF
IF = 10 mA
1.0
V
Reverse Current
IR
VR = 20 V
25
nA
VR = 75 V
5.0
μA
Total Capacitance
CT
VR = 0, f =1.0MHz
4.0
pF
Reverse Recovery Time
trr
IF = 10 mA, VR = 6.0 V (60mA)
IRR = 1.0 mA, RL = 100Ω
4.0
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com