Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148G-CC2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1N4148G-CC2-R
Description  HIGH-SPEED SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N4148G-CC2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  1N4148G-CC2-R Datasheet HTML 1Page - Unisonic Technologies 1N4148G-CC2-R Datasheet HTML 2Page - Unisonic Technologies 1N4148G-CC2-R Datasheet HTML 3Page - Unisonic Technologies 1N4148G-CC2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1N4148
DIODE
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R601-001.M
TYPICAL CHARACTERISTICS(Cont.)
Total Capacitance
Reverse Recovery Time vs. Reverse
Recovery Current
0.75
0.85
0
2
4
68
10
12
14
Reverse Voltage (V)
0.80
0.90
TA = 25°C
1.0
3.0
10
20
40
30
50
80
Reverse Recovery Current, IRR (mA)
2.0
4.0
3.5
2.5
1.5
TA = 25°C
IF = 10mA - IRR = 1.0mA - RIoop = 100Ω
Average Rectified Current (IF(AV))vs.
Ambient Temperature (TA)
IF(AV
)
- AVERA
GE REC
TIFIED
CURRE
NT - mA
UTC assum es no responsibility for equipm ent failures that result from using products at values that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com