Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875CS-T Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4875CS-T
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875CS-T Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4875CS-T Datasheet HTML 2Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 3Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 4Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 5Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 6Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 7Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 8Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 9Page - Micro Linear Corporation ML4875CS-T Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ML4875
PART NUMBER
OUTPUT VOLTAGETEMPERATURE RANGE
PACKAGE
ML4875CS-T
(Obsolete)
3.0V
0°C to 70°C
8-Pin SOIC (S08)
ML4875CS-3
3.3V
0°C to 70°C
8-Pin SOIC (S08)
ML4875CS-5
5.0V
0°C to 70°C
8-Pin SOIC (S08)
ML4875ES-T
3.0V
–20°C to 70°C
8-Pin SOIC (S08)
ML4875ES-3 (End Of Life)
3.3V
–20°C to 70°C
8-Pin SOIC (S08)
ML4875ES-5 (End Of Life)
5.0V
–20°C to 70°C
8-Pin SOIC (S08)
ORDERING INFORMATION
7/16/96 Printed in U.S.A.
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or
design. Micro Linear does not assume any liability arising out of the application or use of any product
described herein, neither does it convey any license under its patent right nor the rights of others. The
circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no
warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of
others, and will accept no responsibility or liability for use of any application herein. The customer is urged
to consult with appropriate legal counsel before deciding on a particular application.
© Micro Linear 1996
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents: 4,897,611; 4,964,026;
5,027,116;
5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940. Other patents are pending.
DS4875-01
PHYSICAL DIMENSIONS inches (millimeters)
Package: S08
8-Pin SOIC
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.189 - 0.199
(4.80 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
8
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package: S08
8-Pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com