Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875CS-3 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4875CS-3
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875CS-3 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4875CS-3 Datasheet HTML 2Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 3Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 9Page - Micro Linear Corporation ML4875CS-3 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ML4875
1.0
3.0
4.0
2.0
100
90
80
70
60
50
0
VIN (V)
ML4875-5.0
5.0
L = 56
µH
L = 27
µH
L = 15
µH
1.0
3.0
2.0
100
90
80
70
60
50
0
VIN (V)
ML4875-3.3
L = 56
µH
L = 27
µH
L = 15
µH
OUTPUT CAPACITOR
The choice of output capacitor is also important, as it
controls the output ripple and optimizes the efficiency of
the circuit. Output ripple is influenced by three capacitor
parameters: capacitance, ESR, and ESL. The contribution
due to capacitance can be determined by looking at the
change in capacitor voltage required to store the energy
delivered by the inductor in a single charge-discharge
cycle, as determined by the following formula:
∆V
TV
LC
V
V
OUT
ON
IN
OUT
IN
=
×
×× ×
−
22
2(
)
(4)
For a 2.4V input, and 5V output, a 27µH inductor, and a
47µF capacitor, the expected output ripple due to
capacitor value is 87mV.
Capacitor Equivalent Series Resistance (ESR) and
Equivalent Series Inductance (ESL), also contribute to the
output ripple due to the inductor discharge current
waveform. Just after the NMOS transistor turns off, the
output current ramps quickly to match the peak inductor
current. This fast change in current through the output
capacitor’s ESL causes a high frequency (5ns) spike that
can be over 1V in magnitude. After the ESL spike settles,
the output voltage still has a ripple component equal to
the inductor discharge current times the ESR. This
component will have a sawtooth shape and a peak value
equal to the peak inductor current times the ESR. ESR also
has a negative effect on efficiency by contributing
I-squared R losses during the discharge cycle.
An output capacitor with a capacitance of 100µF, an ESR
of less than 0.1ý, and an ESL of less than 5nH is a good
general purpose choice. Tantalum capacitors which meet
these requirements can be obtained from the following
suppliers:
Matsuo
(714) 969-2491
Sprague
(603) 224-1961
If ESL spikes are causing output noise problems, an EMI
filter can be added in series with the output.
Figure 5. Typical Efficiency as a Function of VIN.
1.0
3.0
2.0
100
90
80
70
60
50
0
VIN (V)
ML4875-3.0
L = 56
µH
L = 27
µH
L = 15
µH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com