Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875CS-5 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4875CS-5
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875CS-5 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4875CS-5 Datasheet HTML 2Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 3Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 4Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 5Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 6Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 7Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 8Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 9Page - Micro Linear Corporation ML4875CS-5 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
ML4875
TABLE 1. MAXIMUM OUTPUT CURRENT AND EFFICIENCY.
ML4875-5.0
VIN (V)
IIN (mA)
IOUT (mA)
EFFICIENCY %
L = 15µH
1.0
237.5
35.7
75.2
1.5
373.3
86.2
77.0
2.0
494.6
151.8
76.7
2.5
616.0
233.5
75.8
3.0
710.5
319.7
75.0
3.5
793.9
410.5
73.9
L = 27µH
1.0
138.2
22.0
79.6
1.5
220.7
54.8
82.8
2.0
296.2
98.8
83.4
2.5
374.1
156.1
83.5
3.0
441.6
220.7
83.3
3.5
496.4
289.4
83.3
4.0
538.2
358.5
83.3
4.5
542.6
408.0
83.5
L = 56µH
1.0
72.5
12.2
84.1
1.5
113.1
29.8
87.8
2.0
158.7
56.3
88.7
2.5
201.6
89.7
89.0
3.0
237.5
127.0
89.1
3.5
270.4
169.0
89.3
4.0
297.4
212.9
89.5
4.5
310.4
251.0
89.8
ML4875-3.0
VIN (V)
IIN (mA)
IOUT (mA)
EFFICIENCY %
L = 15µH
1.0
242.8
59.2
73.1
1.5
362.6
131.3
72.4
2.0
461.6
219.2
71.2
2.5
523.5
308.5
70.7
L = 27µH
1.0
144.9
38.9
80.5
1.5
218.7
88.2
80.7
2.0
286.8
153.4
80.2
2.5
325.6
217.5
80.2
L = 56µH
1.0
74.3
21.5
86.8
1.5
119.1
52.0
87.3
2.0
154.9
90.2
87.3
2.5
183.0
133.2
87.3
ML4875-3.3
VIN (V)
IIN (mA)
IOUT (mA)
EFFICIENCY %
L = 15µH
1.0
243.1
54.6
74.1
1.5
346.6
122.1
77.5
2.0
473.6
207.8
72.4
2.5
551.9
299.9
71.7
3.0
563.6
368.0
71.8
L = 27µH
1.0
144.5
35.4
80.8
1.5
218.4
80.9
81.5
2.0
292.3
143.6
81.1
2.5
345.7
211.8
80.9
3.0
357.2
263.7
81.2
L = 56µH
1.0
73.9
19.5
87.1
1.5
118.5
47.2
87.6
2.0
156.8
83.4
87.8
2.5
189.0
125.7
87.8
3.0
206.6
165.5
88.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com