Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060CG-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR1060CG-TQ2-R
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1060CG-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR1060CG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies MBR1060CG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies MBR1060CG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR1060C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-019. E
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum DC Blocking Voltage
VR
60
V
Working Peak Reverse Voltage
VRWM
60
V
Maximum PMS Reverse Voltage
VR(RMS)
42
V
Average Forward Rectified Output
Current (TC=105°C)
Per Leg
IO
5
A
Total
10
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half-Sine-Wave
IFSM
125
A
Typical Junction Capacitance (Note 4)
CJ
150
pF
Operating Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°С/W
Junction to Case
TO-220/TO-263
θJC
3
°С/W
TO-220F/TO-220F1
5
°С/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage Drop (Note 2)
VF
IF=5A, TC=25°C
0.80
V
IF=5A, TC=125°C
0.70
V
IF=10A, TC=25°C
0.95
V
IF=10A, TC=125°C
0.90
V
Instantaneous Reverse Current (Note 2)
IR
Rated DC Voltage, TC=25°C
100
μA
Rated DC Voltage, TC=125°C
15
mA
Notes: 1. 2.0μs Pulse Width, f = 1.0 KHz.
2. Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%.
3. Applied VR = 4.0V and f = 1.0MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com