Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100CG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR10100CG-TN3-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR10100CG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR10100CG-TN3-R Datasheet HTML 1Page - Unisonic Technologies MBR10100CG-TN3-R Datasheet HTML 2Page - Unisonic Technologies MBR10100CG-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR10100C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-015.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum non-repetitive Peak Reverse Voltage
VRM
100
V
Maximum DC Blocking Voltage
VR
100
V
Average Forward Rectified Output Current
Per Leg
IO
5
A
Total
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
120
A
Junction Capacitance (Note 4)
CJ
300
pF
Operating Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-263
θJA
60
°С/W
TO-252/TO-252D
100
Junction to Case
TO-220/TO-263
θJC
2
°С/W
TO-220F/TO-220F1
TO-220F2
4
°С/W
TO-252/TO-252D
2.5
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage Drop (Note 3)
VFM
IF=5A, TC=25°C
0.85
V
IF=5A, TC=125°C
0.80
V
IF=10A, TC=25°C
0.95
V
IF=10A, TC=125°C
0.90
V
Instantaneous Reverse Current (Note 3)
IRM
Rated DC Voltage, TC=25°C
100
μA
Rated DC Voltage, TC=125°C
15
mA
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 2.0μs Pulse Width, f = 1.0 KHz.
3. Pulse Test: Pulse Width=300µs, Duty Cycte ≤ 2.0 %
4. Applied VR = 4.0V and f = 1.0 MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com