Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10150CG-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR10150CG-TQ2-R
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR10150CG-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR10150CG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies MBR10150CG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies MBR10150CG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR10150C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-039.D
ABSOLUTE MAXIMUM RATINGS (Per Diode Leg)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
150
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
Average Rectified Forward
Current (Rated VR) TC=142°C
Per Leg
IO
5
A
Total
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC=142°C
IFRM
10
A
Non-Repetitive Peak Surge Current (Surge Applied At
Rated Load Conditions Half Wave, Single Phase, 60Hz)
IFSM
100
A
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/µs
Operating Junction Temperature (Note 2)
TJ
150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ<1/θJA.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°С/W
Junction to Case
TO-263
θJC
2
°С/W
TO-220F/TO-220F1
TO-220F2
4.5
°С/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage Drop
(Note 1)
VF
IF=5A, TC=25°C
0.92
V
IF=5A, TC=125°C
0.82
Instantaneous Reverse Current (Note 1)
IR
Rated DC Voltage, TC=25°C
0.1
mA
Rated DC Voltage, TC=125°C
15.0
Notes: Pulse Test: Pulse Width=300µs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com