Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB501VG-40-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RB501VG-40-CB2-R
Description  SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RB501VG-40-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RB501VG-40-CB2-R Datasheet HTML 1Page - Unisonic Technologies RB501VG-40-CB2-R Datasheet HTML 2Page - Unisonic Technologies RB501VG-40-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RB501V-40
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-084.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Reverse Voltage
VRRM
40
V
RMS Reverse Voltage
VR(RMS)
30
V
Maximum Forward Current
IF(AV)
0.1
A
Maximum Forward Peak Current (f=60Hz)
IFPM
1
A
Power Dissipation (Note 2)
PD
0.4
W
Peak Forward Surge Current at t=8.3ms
IFSM
500
mA
Junction Temperature
TJ
-55~+125
°C
Storage Temperature
TSTG
-55~+125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. FR-5 board=1.0*0.75*0.062 in. Minimum pad layout.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
θJA
300
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Leakage Current
IR
VR=10V
10
μA
Forward Voltage
VF
IF=10mA
0.34
V
IF=100mA
0.55
V
Total Capacitance
CT
VR=10V, f=1MHz
6
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com