Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB340G-CA2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB340G-CA2-R
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB340G-CA2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB340G-CA2-R Datasheet HTML 1Page - Unisonic Technologies SB340G-CA2-R Datasheet HTML 2Page - Unisonic Technologies SB340G-CA2-R Datasheet HTML 3Page - Unisonic Technologies SB340G-CA2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB340
Preliminary
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-043.f
3.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB340 is a Schottky Rectifier with high current capacity
and low forward voltage.
The UTC SB340 is suitable for polarity protection, low voltage and
high frequency inverters free wheeling applications
FEATURES
* High Current Capability
* Low Forward Voltage
DO-201AD
SOD-123
SOD-323
+
-
+
-
SMB
(JEDEC DO-214AA)
SMA
(JEDEC DO-214AC
+
-
+
-
SMC
(JEDEC DO-214AB)
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
-
SB340G-CA2-R
SOD-123
K
A
Tape Reel
-
SB340G-CB2-R
SOD-323
K
A
Tape Reel
SB340L-SMA-R
SB340G-SMA-R
SMA
K
A
Tape Reel
SB340L-SMB-R
SB340G-SMB-R
SMB
K
A
Tape Reel
SB340L-SMC-R
SB340G-SMC-R
SMC
K
A
Tape Reel
SB340L-Z21D-R
SB340G-Z21D-R
DO-201AD
K
A
Tape Reel
SB340L-Z21D-B
SB340G-Z21D-B
DO-201AD
K
A
Tape Box
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel, B: Tape Box
(2) Z21D: DO-201AD, CA2: SOD-123, CB2: SOD-323
SMA: SMA, SMB: SMB, SMC: SMC
(3) L: Lead Free, G: Halogen Free and Lead Free
SB340L-Z21D-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - SB340G-CA2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB340G-Z21D-R UTC-SB340G-Z21D-R Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SB340G-CA2-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_10 Datasheet
78Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B320AF DIODES-B320AF Datasheet
311Kb / 1P
3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com