Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK34L-SMA-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK34L-SMA-R
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK34L-SMA-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK34L-SMA-R Datasheet HTML 1Page - Unisonic Technologies SK34L-SMA-R Datasheet HTML 2Page - Unisonic Technologies SK34L-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SK34
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R601-044.E
TYPICAL CHARACTERISTICS
10
0
Peak Repetitive Reverse Voltage
Peak Repetitive Reverse Voltage, VRRM (V)
30
40
70
60
0
100
200
300
400
500
700
20
50
600
0
25
50
75
100 125 150 175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Instantaneous Forward Voltage, VF (V)
0.1
1.0
0.4
25°C
0.2
10
100
0.6
0.8
Typical Forward Characteristics
Case Temperature, TC (°C)
Forward Derating Curve
25
50
75
100
125
150
1E-2
1E-3
1E-4
1E-5
1E-6
1E-1
1E-7
Case Temperature, TC (°C)
Typical Reverse Characteristics
IF Pulse
Width=300uS
1.0
VR=40V
Pulse
Width=300uS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com