Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4895ES Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4895ES
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895ES Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4895ES Datasheet HTML 1Page - Micro Linear Corporation ML4895ES Datasheet HTML 2Page - Micro Linear Corporation ML4895ES Datasheet HTML 3Page - Micro Linear Corporation ML4895ES Datasheet HTML 4Page - Micro Linear Corporation ML4895ES Datasheet HTML 5Page - Micro Linear Corporation ML4895ES Datasheet HTML 6Page - Micro Linear Corporation ML4895ES Datasheet HTML 7Page - Micro Linear Corporation ML4895ES Datasheet HTML 8Page - Micro Linear Corporation ML4895ES Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML4895
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = 10V, TA = Operating Temperature Range (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR REGULATOR
Output Voltage
TA = 25°C
3.29
3.33
3.37
V
Line Regulation
5.9V < VIN < 15V
1.7
4
mV/V
Total Variation
Line, Temp
3.24
3.42
V
SHUTDOWN
Input Low Voltage
1.0
V
Input High Voltage
3.0
V
Input Low Current
VIL = 0V
100
nA
Input High Current
VIH = VIN
50
µA
BUCK REGULATOR
Duty Cycle Ratio
VIN = 5.9V, ISENSE = VFB = 0V
75
97
%
VFB Threshold Voltage
5.9V < VIN < 15V
2.425
2.5
2.575
V
ISENSE Threshold Voltage
-60
-80
-100
mV
Transition Time
CL = 1000 pF, GND to VIN
50
100
ns
SUPPLY
VIN Current
SHDN = 0V
2
5
µA
SHDN = 5V
300
750
µA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
VIN ............................................................................................ 16.5V
Peak Driver Output Current....................................... ±2A
VFB Voltage .........................................GND - 0.3V to 6V
ISENSE Voltage ..................................................... +500mV
All Other Inputs ..................... GND - 0.3V to VIN + 0.3V
SHDN Input Current ............................................. 100
µA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Junction Temperature............................................. 150°C
Storage Temperature Range .....................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................... 150°C
Thermal Resistance (
θJA) ....................................160°C/W
OPERATING CONDITIONS
VIN Range .................................................... 5.9V to 15V
VOUT Range ................................................... 2.5V to 4V
Temperature Range ................................... -20°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com