Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA36VG-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SMA36VG-CB2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMA36VG-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SMA36VG-CB2-R Datasheet HTML 1Page - Unisonic Technologies SMA36VG-CB2-R Datasheet HTML 2Page - Unisonic Technologies SMA36VG-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMAXXV
TVS DIODE FOR ESD PROTECTION
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-073.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Pulse Power (tp=8/20μs)
PPK
50
W
Peak Pulse Current (tp=8/20μs)
IPP
5
A
Junction Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Air Discharge
15
kV
ESD Discharge
IEC61000-4-2
Contact Discharge
VESD
8
kV
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
(VF = 0.9V Max @ IF = 10mA for all types.)
Test
Current
Reverse
Stand-Off
Voltage
Reverse
Breakdow
n Voltage
VBR(V)
Reverse
Leakage
Current
IR (µA)
Clamping
Voltage
VC (V)
Junction Capacitance
CJ (pF)
Device
Marking
Code
IT (mA)
VRWM (V)
Min
Max
VRWM
(V)
Max
(Typ.)
IPP(A)
Max
VR
(V)
f
(MHz)
SMA3V
3
1
3.3
4
20
3.3
10.9
5
100
0
1
SMA5V
5
1
5
6
5
5
14.5
5
80
0
1
SMA7V
7
1
7
7.5
0.15
7
22.7
8.8
85
0
1
SMA8V
8
1
8
8.5
5
8
13
5
70
0
1
SMA12V
12
1
12
13.3
5
12
17
5
60
0
1
SMA15V
15
1
15
16.6
5
15
22
5
50
0
1
SMA24V
24
1
24
26.7
5
24
32
3
25
0
1
SMA36V
36
1
36
40
5
36
55
1
20
0
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com