Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA3VG-CC2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SMA3VG-CC2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMA3VG-CC2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SMA3VG-CC2-R Datasheet HTML 1Page - Unisonic Technologies SMA3VG-CC2-R Datasheet HTML 2Page - Unisonic Technologies SMA3VG-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SMAXXV
TVS DIODE FOR ESD PROTECTION
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-073.C
SURFACE MOUNT SILICON
ZENER DIODE
DESCRIPTION
The UTC SMAXXV is a single line TVS diode, for ESD
protection.
The UTC SMAXXV is protection in portable electronics
applications.
FEATURES
* 50 Watts peak pulse power (tp=8/20μs)
* Transient protection for data lines to
ESD=8KV (Contact)
EFT=40A (tp=5/50ns)
Lightning=5A (tp=8/20μs)
* Small package for use in portable electronics.
* Suitable replacement for Multi-Layer Varistors in ESD protection
applications.
* Protects on I/O or power line.
* Low clamping voltage.
* Low leakage current.
SYMBOL
SOD-523
SOD-323
SOD-123
1
2
1
2
1
2
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
Packing
SMAXXG-CA2-R
SOD-123
A
K
Tape Reel
SMAXXG-CB2-R
SOD-323
A
K
Tape Reel
SMAXXG-CC2-R
SOD-523
A
K
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
MARKING


Similar Part No. - SMA3VG-CC2-R

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA30 LITEON-SMA30 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMA30 MIC-SMA30 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA30 SUNMATE-SMA30 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA300 SUNMATE-SMA300 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA300A SUNMATE-SMA300A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA3VG-CC2-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com