Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809-198 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-198
Description  Push-Pull Mighty Mouse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-198 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-198 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
X-63
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 804 Push-Pull Mighty Mouse
Protective Plug Cover
809-198 Ordering Information
How To Order
Sample Part Number
809-198
M
9
H
6 -14 A
Series (See Table I)
809-198 = Receptacle Cover
Shell Material / Finish
C = Aluminum / Black Anodize
(Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
RoHS Compliant
NF = Aluminum / Cadmium with
Olive Drab Chromate
ZN = Aluminum / Zinc-Nickel with
Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with
Black Chromate
MT = Aluminum / Nickel-PTFE RoHS
Compliant
Z1 = Stainless Steel / Passivated
RoHS Compliant
Shell Size
5, 6, 7, 8, 9, 10, 11, 12, 14, 15
Attachment Type
D = Bead Chain, CRES, Passivate
F = Wire Rope, Nylon Jacket
G = Nylon Rope
H = SST Wire Rope, Teflon® Jacket
N = No Attachment
R = Wire Rope, PVC Jacket
S = SST Sash Chain
SK = Nylon Rope With Slip Knot
T = SST Wire Rope, No Jacket
U = SST Wire Rope, Polyurethane Jacket
“SST” = Stainless Steel
Attachment Length (inches)
Omit for attachment Type N (No Attachment)
Example: “-6” equals six inch length
Attachment Code
(See Table II)
Small Ring = 01 thru 06
Large Ring = 14 thru 33
Split Ring = 50 thru 68
Alternate Key Position
Omit for master keyway only, for all other positions indicate A,
B, C, D, E, or F
Table I: Cover Style
809-198
Push-Pull Plug Cover
Table II: Attachment Code
Omit for attachment Type N (No Attachment)
and SK (Slip Knot)
Small Ring
-01 – .126 (3.20) I.D.
-02 – .145 (3.68) I.D.
-04 – .188 (4.78) I.D.
-06 – .197 (5.00) I.D.
Solid Ring
-32 – .265 (6.73)
-29 – .315 (8.00)
-14 – .385 (9.78)
-33 – .510 (12.95)
-15 – .445 (11.30)
-16 – .570 (14.48)
-17 – .635 (16.13)
-18 – .695 (17.65)
-27 – .766 (19.46)
-26 – .950 (24.13)
-31 – .820 (20.83)
-28 – 1.015 (25.78)
-20 – 1.070 (27.18)
-21 – 1.135 (28.83)
Split Ring
-50 – .420 (10.67) I.D.
-52 – .480 (12.19) I.D.
-54 – .635 (16.13) I.D.
-56 – .745 (18.92) I.D.
-58 – .885 (22.48) I.D.
-60 – 1.010 (25.65) I.D.
-64 – 1.125 (28.58) I.D.
-68 – 1.345 (34.16) I.D.
Protect Connectors From Damage
Machined aluminum covers prevent
ingress of contamination and water.
Stainless Steel Fittings and Rings
Choose small diameter eye fittings for
panel attachment. Larger rings fit under
the jam nut or over cable jackets. Split
rings can be installed on fully assembled
cables.
Polyurethane-Coated SST Wire
Rope offers high strength, excellent
abrasion resistance and good
flexibility. Or, choose Teflon® jacket for
high temperature exposure.
Braided Nylon Rope provides
excellent flexibility and good abrasion
resistance, and can be ordered with
slip knot fittings for easy installation
on any size cable.


Similar Part No. - 809-198

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
809-191 GLENAIR-809-191 Datasheet
252Kb / 1P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
809-199 GLENAIR-809-199 Datasheet
204Kb / 1P
Mounting Flange with Standard or Metric Threads
More results

Similar Description - 809-198

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-001 GLENAIR-804-001 Datasheet
144Kb / 1P
Push-Pull Mighty Mouse
804-001-06 GLENAIR-804-001-06 Datasheet
190Kb / 1P
Push-Pull Mighty Mouse
804-005-00 GLENAIR-804-005-00 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse Connector
804-005-07 GLENAIR-804-005-07 Datasheet
191Kb / 1P
Push-Pull Mighty Mouse Connector
804-006-00 GLENAIR-804-006-00 Datasheet
195Kb / 1P
Push-Pull Mighty Mouse Connector
804-006-07 GLENAIR-804-006-07 Datasheet
191Kb / 1P
Push-Pull Mighty Mouse
804-030 GLENAIR-804-030 Datasheet
415Kb / 2P
Push-Pull High-Speed Mighty Mouse
804-066-06 GLENAIR-804-066-06 Datasheet
149Kb / 1P
Push-Pull Mighty Mouse Cobra
804-067-07 GLENAIR-804-067-07 Datasheet
140Kb / 1P
Push-Pull Mighty Mouse
809-083 GLENAIR-809-083 Datasheet
432Kb / 3P
Push-Pull Mighty Mouse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com