Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6401CS-3 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6401CS-3
Description  8-Bit 20 MSPS A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401CS-3 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6401CS-3 Datasheet HTML 1Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 2Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 3Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML6401CS-3 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ML6401
PIN CONFIGURATION
ML6401-1
24-Pin SOIC (S24W)
ML6401-3
16-Pin SOIC (S16N)
GNDD
VIN–
VIN–BIAS
GNDA
GNDA
VIN+
VDDA
VREFIN
VREFOUT
VDDA
VDDA
VDDD
OE
GNDO
D0
D1
D2
D3
D4
D5
D6
D7
VDDO
CLK
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
OE
GNDD
GNDA
VIN+
VDDA
VDDD
CLK
VDDD
D0
D1
D2
D3
D4
D5
D6
D7
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TOP VIEW
PIN
NAME
DESCRIPTION
1
(16)
OE
Output Enable. A logic low signal
on this pin enables the outputs.
2
GNDO
Output ground pin.
3
(1)
D0
D0 (LSB) output signal (TTL
compatible).
4
(2)
D1
D1 output signal (TTL compatible).
5
(3)
D2
D2 output signal (TTL compatible).
6
(4)
D3
D3 output signal (TTL compatible).
7
(5)
D4
D4 output signal (TTL compatible).
8
(6)
D5
D5 output signal (TTL compatible).
9
(7)
D6
D6 output signal (TTL compatible).
10 (8)
D7
D7 (MSB) output signal (TTL
compatible).
11
VDDO
Output supply pin.
12 (10)
CLK
Clock input pin.
PIN
NAME
DESCRIPTION
13 (9,11) VDDD
Digital supply pin.
14 (12)
VDDA
Analog supply pin.
15 (12)
VDDA
Analog supply pin.
16
VREFOUT Full scale reference output.
Connect to pin 17 for self bias.
(VRTS on 1175) (ML401-1 only)
17
VREFIN
Full scale reference input.
Connect to pin 16 for self bias.
(VRT on 1175) (ML401-1 only)
18 (12)
VDDA
Analog supply pin.
19 (13)
VIN+
Input signal.
20 (14)
GNDA
Analog ground.
21 (14)
GNDA
Analog ground.
22
VIN–BIAS
Common mode bias output.
Connect to pin 23 for self bias.
(VRBS on 1175) (ML401-1 only)
23
VIN–
Common mode bias input.
Connect to pin 22 for self bias.
Drive with the negative input if
differential input is being used.
(VRB on 1175)
(ML401-1 only)
24 (15)
GNDD
Digital Ground.
PIN DESCRIPTION (Pin numbers in parentheses are for S16N package)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com