Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6420 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6420
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6420 Datasheet HTML 1Page - Micro Linear Corporation ML6420 Datasheet HTML 2Page - Micro Linear Corporation ML6420 Datasheet HTML 3Page - Micro Linear Corporation ML6420 Datasheet HTML 4Page - Micro Linear Corporation ML6420 Datasheet HTML 5Page - Micro Linear Corporation ML6420 Datasheet HTML 6Page - Micro Linear Corporation ML6420 Datasheet HTML 7Page - Micro Linear Corporation ML6420 Datasheet HTML 8Page - Micro Linear Corporation ML6420 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ML6420
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ± 10%, TA = Operating Temperature Range, RL =75W or 150W, VOUT = 2VP-P for
150W Load and VOUT = 1VP-P for 75W Load (Notes 1-3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
RIN
Input Impedance
3
4
5
k
W
DR/RIN
Input R Matching
Between filters A, B and C
±2
%
IBIAS
Input Current
ML6420 (–1 to –4)
VIN = 0.5V, range = low
–80
µA
VIN = 0.0V, range = high
–125
µA
ML6420
VIN = 0.5V, range = low
45
µA
(–5 to–7)
VIN = 0.0V, range = high
–210
µA
Small Signal
ML6420 (–1 to –4)
VIN = 100mVP-P at 100kHz
–0.5
0
0.5
dB
Gain
ML6420
VIN = 100mVP-P at 100kHz
5.5
6
6.5
dB
(–5 to –7)
Differential
ML6420 (–1 to –4)
VIN = 1.8V ± 0.7V at
1
%
3.58 & 4.43 MHz
Gain
ML6420
VIN = 0.8V to 1.5V
1
%
(–5 to –7)
Differential
ML6420 (–1 to –4)
VIN = 1.8V ± 0.7V at
1
deg
3.58 & 4.43 MHz
Phase
ML6420
VIN = 0.8V to 1.5V
1
deg
(–5 to –7)
VIN
Input Range
ML6420 (–1 to –4)
RANGE = 0, Ground
0.5
2.5
V
RANGE = 1, VCC
0.0
2.0
V
ML6420
RANGE = 0, Ground
0.5
1.5
V
(–5 to –7)
RANGE = 1, VCC
0.0
1.0
V
Peak Overshoot
2T, 0.7VP-P pulse
2.0
%
Crosstalk
ML6420 (–1 to –4)
fIN = 3.58, fIN = 4.43MHz
50
dB
ML6420
fIN = 3.58, fIN = 4.43MHz
45
dB
(–5 to –7)
Channel to Channel
fIN = 100kHz
±10
ns
Group Delay Matching (fC = 5.5MHz)
Filters with identical fC
Channel to Channel Gain Matching
fIN = 100kHz
±2
%
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage (VCC) ...................................... –0.3 to 7V
GND .................................................. –0.3 to VCC +0.3V
Logic Inputs ......................................... –0.3 to VCC +0.3V
Input Current per Pin ............................................ ±25mA
Storage Temperature .................................. –65° to 150°C
Package Dissipation at TA = 25°C ............................... 1W
Lead Temperature (Soldering 10 sec) ...................... 260°C
Thermal Resistance (qJA) ...................................... 65°C/W
OPERATING CONDITIONS
Supply Voltage ................................................. 5V ± 10%
Temperature Range ........................................ 0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com