Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6423 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6423
Description  Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6423 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6423 Datasheet HTML 1Page - Micro Linear Corporation ML6423 Datasheet HTML 2Page - Micro Linear Corporation ML6423 Datasheet HTML 3Page - Micro Linear Corporation ML6423 Datasheet HTML 4Page - Micro Linear Corporation ML6423 Datasheet HTML 5Page - Micro Linear Corporation ML6423 Datasheet HTML 6Page - Micro Linear Corporation ML6423 Datasheet HTML 7Page - Micro Linear Corporation ML6423 Datasheet HTML 8Page - Micro Linear Corporation ML6423 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML6423
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Supply Voltage (VCC) ...................................... –0.3 to 7V
GND .................................................. –0.3 to VCC +0.3V
Logic Inputs ........................................ –0.3 to VCC +0.3V
Input Current per Pin ............................................ ±25mA
Storage Temperature .................................. –65° to 150°C
Lead Temperature (Soldering 10 sec) ..................... 150°C
Thermal Resistance (
qJA) ..................................... 65°C/W
OPERATING CONDITIONS
Supply Voltage ................................................. 5V ±10%
Temperature Range ...................................... 0°C to 70°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified VCC = 5V ± 10%, RL =75W or 150W, VOUT = 2VP-P for 150W Load and VOUT = 1VP-P for 75W
Load, TA = Operating Temperature Range (Notes 1, 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
RIN
Input Impedance
3k
4
5
k
W
DR/RIN
Input R Matching
±2
%
IBIAS
Input Current
VIN = 0.5V, RANGE = low
45
µA
VIN = 0.0V, RANGE = high
–210
µA
Differential Gain
VIN = 0.8V to 1.5V
at 3.58 & 4.43 MHz
1
%
Differential Phase
VIN = 0.8V to 1.5V
at 3.58 & 4.43 MHz
1
deg
VIN
Input Range
RANGE = Low
0.5
1.5
V
RANGE = High
0.0
1.0
V
Peak Overshoot
2T, 0.7VP-P pulse
2.0
%
Crosstalk Rejection
fIN = 3.58, fIN = 4.43MHz
45
dB
Channel to Channel
fIN = 100kHz
±3
ns
Group Delay Matching
(fC = 5.5MHz)
Channel to Channel
fIN = 100kHz
±1.5
%
Gain Matching
Output Current
RL = 0 (short circuit)
75
mA
CL
Load Capacitance
35
pF
Composite Chroma/Luma delay
fC = 5.5MHz
±15
ns
fC = 9.6MHz
±8
ns
5.50MHZ FILTER
Bandwidth (monotonic passband)
–0.55dB (Note 4)
4.95
5.50
6.05
MHz
Subcarrier Frequency Gain
fIN = 3.58MHz
0.9
1.4
2.3
dB
ML6423-1
fIN = 4.43MHz
1.1
1.6
2.5
dB
Attenuation
fIN = 10MHz
20
25
dB
fIN = 50MHz
45
55
dB
Output Noise
BW = 30MHz
1
mVRMS
Group Delay
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com