Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6424 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6424
Description  CCIR601 Video Lowpass Filter with Optional Sinx/x Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6424 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6424 Datasheet HTML 1Page - Micro Linear Corporation ML6424 Datasheet HTML 2Page - Micro Linear Corporation ML6424 Datasheet HTML 3Page - Micro Linear Corporation ML6424 Datasheet HTML 4Page - Micro Linear Corporation ML6424 Datasheet HTML 5Page - Micro Linear Corporation ML6424 Datasheet HTML 6Page - Micro Linear Corporation ML6424 Datasheet HTML 7Page - Micro Linear Corporation ML6424 Datasheet HTML 8Page - Micro Linear Corporation ML6424 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ML6424/ML6425
3
Pin #
Name
Description
1,3,
VCC
Positive supply voltages
5,11
(4.75V to 5.25V).
2,10,
GND
Ground voltages.
14
4
PULSE I/O U/V clamp switch control input/output
pin. When MODE is low, U/V clamp
control pulse can be applied to this
input pin. When MODE is high, the
internal circuit generates a U/V clamp
control signal to produce an output
pulse at this pin. When MODE is
floating, do not apply any voltage to
this pin since it is internally tied low in
this case. (See table below)
6,7
VIN P,
Input to the filter. The input voltage for
VIN M
the filter is applied to VIN P pin with
respect to VIN M pin which is
grounded. (With no connection to
MODE pin, input signal range should
be from VIN = 0.5V to 1.5V when
RANGE = Low, VIN = 0V to 1V when
RANGE = High). There is a 100
µA
internal current source connected to
each of these inputs.
8
RANGE
Input signal range control when
MODE is floating. When RANGE is
low, the input signal range is 0.5V to
1.5V, when RANGE is tied high the
input signal range is 0V to 1V.
9REXT
Precision resistor to ground that
defines the cutoff frequency of the
filter. (Typical value = 10k
Ω)
10% change in REXT produces a 10%
change in fC (Fig. 28).
PIN DESCRIPTION
Pin #
Name
Description
12
MODE
Input coupling mode control pin.
When MODE is low, U/V signal can
be applied through an external ac
coupling capacitor to VIN P. When
MODE is high, Y signal can be applied
through an external AC coupling
capacitor to VIN P. In this case, an
internal circuitry clamps the sinc tip of
the video input signal. When MODE is
set to mid supply or left floating, input
signal can be directly applied to the
input without an AC coupling capacitor.
13
GAIN
Three state gain control pin. GAIN tied
low sets the input amplifier gain to 3/4
(0.75) and the output amplifier gain to
4/3 (1.333). When GAIN is tied high,
the input amplifier gain is 3/2 (1.5) and
the output amplifier gain is 4/3. When
GAIN is set to mid supply or left to
float, the input amplifier gain is 3/4
and the output gain is 8/3 (2.666).
(See table below)
15,16
VOUT P,
The output from the filter is derived
VOUT M
from the VOUT P pin with respect to
the VOUT M pin which is grounded
typically. It can drive 1VPP/75Ω (0.5V
to 1.5V) or 2VPP/150Ω (0.5V to 2.5V).
If the ouput common-mode level
needs to be increased, it can be done
by raising the potential of VOUT M. In
this case, the output is measured from
VOUT P with respect to GND.
Gain Table
Pulse Mode Table
MODE
INPUT COUPLING
PULSE
Low
AC for U/V
Input
Float
DC
Internally biased
High
AC for Y
Output
GAIN INPUT INPUT
OUTPUT
OUTPUT OPTIMIZES
SELECT
BUFFER
BUFFER
GAIN
GAIN
Low
1VPP
0.75
1.333
1VPP
—
Float
1VPP
0.75
2.666
2VPP
Differential
Phase
& Gain
High
1VPP
1.50
1.333
2VPP
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com