Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6426 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6426
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6426 Datasheet HTML 1Page - Micro Linear Corporation ML6426 Datasheet HTML 2Page - Micro Linear Corporation ML6426 Datasheet HTML 3Page - Micro Linear Corporation ML6426 Datasheet HTML 4Page - Micro Linear Corporation ML6426 Datasheet HTML 5Page - Micro Linear Corporation ML6426 Datasheet HTML 6Page - Micro Linear Corporation ML6426 Datasheet HTML 7Page - Micro Linear Corporation ML6426 Datasheet HTML 8Page - Micro Linear Corporation ML6426 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ML6426
3
November, 1999
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ................................................................................ –0.3V to 7V
Junction Temperature .............................................. 150°C
ESD ..................................................................... >2000V
Analog and Digital I/O ........... GND –0.3V to VCC + 0.3V
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA) .................................... 100°C/W
OPERATING CONDITIONS
Temperature Range ....................................... 0°C to 70°C
VCC Range ...................................................4.5V to 5.5V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V±10%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
ICC
Supply Current
No Load (VCC=5.5V)
52
80
mA
AV
Low Frequency Gain (R, G, B)
VIN= 100mVP-P at 100KHz
5.34
6.0
6.65
dB
VOUT
Output Level during Sync (R, G, B,)
DURING SYNC
0.7
0.9
1.1
V
Output Capability
RL = 150W, AC-coupled@1MHz
2
VP-P
tCLAMP
Clamp Response Time
Settled to Within 10mV, CIN = 0.1µF
10
ms
VI
Input Signal Dynamic Range (R, G, B,)
AC Coupled
1.4
VP-P
OS
Peak Overshoot (R, G, B,)
2VP-P Output Pulse
4.3
%
CL
Output Load Capacitance (R, G, B,)
All Outputs
35
pF
Output Load Drive Capability, per Pin
One Load is 150
W
2
loads
(YUV or RGB Outputs)
dG
Differential Gain (R, G, B,)
All Outputs at fC/2
0.4
%
d
f
Differential Phase (R, G, B,)
All Outputs at fC/2
0.4
º
THD
Output Distortion (R, G, B,)
VOUT = 2VP-P at 1 MHz
0.8
%
PSRR
PSRR (R, G, B,)
0.5VP-P (100kHz) at VCC
35
dB
ISC
Output Short Circuit Current (R, G, B,)
Note 2
120
mA
VIH
Input Voltage Logic High
DISABLE, SYNC IN
2.5
V
VIL
Input Voltage Logic Low
DISABLE, SYNC IN
1.0
V
TMUX
Input Mux
A/B Mux
2
µs
Data Valid
Pin Valid
Time
High or Low
6.7MHz FILTER: ML6426-1
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25ºC
4.0
4.8
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25ºC
6.0
6.7
7.3
MHz
f0.8fc
0.8 x fC Attenuation
1.5
dB
fSB
StopBand Rejection (All Channels
³ 4 fC)fIN ³ 4 fC, Note 3
–38
–42
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
–55
dB
Between any two Channels
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com