Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6427 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6427
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6427 Datasheet HTML 1Page - Micro Linear Corporation ML6427 Datasheet HTML 2Page - Micro Linear Corporation ML6427 Datasheet HTML 3Page - Micro Linear Corporation ML6427 Datasheet HTML 4Page - Micro Linear Corporation ML6427 Datasheet HTML 5Page - Micro Linear Corporation ML6427 Datasheet HTML 6Page - Micro Linear Corporation ML6427 Datasheet HTML 7Page - Micro Linear Corporation ML6427 Datasheet HTML 8Page - Micro Linear Corporation ML6427 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ML6427
5
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2:
Sustained short circuit protection limited to 10 seconds.
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
PSRR (All Channels)
0.5VP-P (100kHz) at VCC
–39
dB
tpd
Group Delay (All Channels)
at 100kHz
60
ns
Dtpd
Group Delay Deviation from Flatness
to 3.58MHz (NTSC)
4
ns
to 4.43MHz (PAL)
7
ns
(All Channels)
to 10MHz
12
ns
VIH
Input Voltage Logic High
A/B MUX, SWAP CVU, SWAP CVF
2.5
V
VIL
Input Voltage Logic Low
A/B MUX, SWAP CVU, SWAP CVF
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com