Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6429 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6429
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6429 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6429 Datasheet HTML 1Page - Micro Linear Corporation ML6429 Datasheet HTML 2Page - Micro Linear Corporation ML6429 Datasheet HTML 3Page - Micro Linear Corporation ML6429 Datasheet HTML 4Page - Micro Linear Corporation ML6429 Datasheet HTML 5Page - Micro Linear Corporation ML6429 Datasheet HTML 6Page - Micro Linear Corporation ML6429 Datasheet HTML 7Page - Micro Linear Corporation ML6429 Datasheet HTML 8Page - Micro Linear Corporation ML6429 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ML6429
2
PIN
NAME
FUNCTION
1A/B MU X
Logic input pin to select between Bank
<A> or <B> of the CV, RGB, or Y/C
inputs. Internally pulled high.
2CVINF/Y1
Filtered analog composite video or
luma video input.
3CVINUA/Y2 Unfiltered analog composite video or
luma video input for Bank <A>.
A composite or luma or green signal
must be present on CVINUA/Y2 or
CVINUB/Y3 inputs to provide
necessary sync signals to other
channels (R,G,B,Y,C). Otherwise, sync
must be provided at SYNCIN. For RGB
applications, the green channel with
sync can be used as an input to this
pin. (see RGB Applications section)
4CVINUB/Y3 Unfiltered analog composite video or
luma video input input for Bank <B>.
A composite or luma or green signal
must be present on CVINUA/Y2 or
CVINUB/Y3 inputs to provide
necessary sync signals to other
channels (R,G,B,Y,C). Otherwise, sync
must be provided at SYNCIN. For RGB
applications, the green channel with
sync can be used as an input to this
pin. (see RGB Applications section)
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A/B MUX
CVINF/Y1
CVINUA/Y2
CVINUB/Y3
GND
VCC
RINA/Y4
RINB/Y5
GINA/Y6
GINB/Y7
BINA/C1
BINB/C2
SYNCOUT
SYNCIN
VCCOCV
CVOUT1/YOUTA
CVOUT2/YOUTB
GNDO
ROUT/YOUTC
VCCORGB
GOUT/YOUTD
BOUT/COUT
SWAP CVF
SWAP CVU
TOP VIEW
ML6429
24-Pin SOIC (S24)
PIN DESCRIPTION
PIN
NAME
FUNCTION
5
GND
Analog ground
6VCC
Analog 5V supply
7RINA/Y4
Filtered analog RED video or luma
video input for Bank <A>
8RINB / Y5
Filtered analog RED video or luma
video input for Bank <B>
9GINA/Y6
Filtered analog GREEN video or
luma video input for Bank <A>
10
GINB/Y7
Filtered analog GREEN video or
luma video input for Bank <B>
11
BINA/C1
Filtered analog BLUE video or
chroma video input for Bank <A>
12
BINB/C2
Filtered analog BLUE video or
chroma video input for Bank <B>
13
SWAP CVU
Logic input pin to select whether
the outputs of CVOUT1/YOUTA and
CVOUT2/YOUTB are from filtered
or unfiltered CV sources. See Table
1. Internally pulled low.
14
SWAP CVF
Logic input pin to select whether
the outputs of CVOUT1/YOUTA and
CVOUT2/YOUTB are from filtered
or unfiltered CV sources. See Table
1. Internally pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com