Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6426CS-4 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6426CS-4
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426CS-4 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML6426CS-4 Datasheet HTML 4Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 5Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 6Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 7Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 8Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 9Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 10Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 11Page - Micro Linear Corporation ML6426CS-4 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ML6426
8
November, 1999
TYPICAL APPLICATIONS (Continued)
Pixel clock rates for the output D/A converters can be
roughly determined from the Table 1. Don’t forget that the
deflection system of a CRT display needs retrace time for
the vertical and horizontal.
This retrace time can vary from one design of an HDTV
set to another, as it only involves tradeoffs between the
frame buffer in the MPEG decoder and the CRT deflection
system. Allowing for 10% retrace time for the vertical and
20% for the horizontal, the appropriate Reconstruction
Filter is summarized in Table 2.
For VGA or RGB monitors, the following resolutions can
use the corresponding Reconstruction Filter and Video
Amplifier as shown in Table 3.
Figures 4, 5, and 6 show system diagrams when the
ML6426 provides a good solution. Figure 7 provides a
more detailed description for advanced TV applications
using various resolutions for legacy video, SDTV, and
HDTV.
640
480
VGA
60Hz
31.5kHz
25.175MHz
12.5MHz
ML6426-2
VGA
72Hz
37.9kHz
31.5MHz
15.5MHz
ML6426-3
VGA
75Hz
37.5kHz
31.5MHz
15.5MHz
ML6426-3
800
600
SVGA
56Hz
35.1kHz
36MHz
18MHz
ML6426-3
SVGA
60Hz
37.9kHz
40MHz
20MHz
ML6426-3
SVGA
72Hz
48.1kHz
50MHz
25MHz
ML6426-3
SVGA
75Hz
46.9kHz
49.5MHz
25MHz
ML6426-3
1024
768
XGA
43Hz
35.5kHz
44.9MHz
23MHz
ML6426-3
Interlaced
XGA
60Hz
37.9kHz
65MHz
33MHz
ML6426-5
XGA
70Hz
56.5kHz
75MHz
37.5MHz
ML6426-5
XGA
75Hz
60kHz
78.75MHz
39.4MHz
ML6426-6
1280
1024
SXGA
75Hz
80kHz
135MHz
68MHz
na
SXGA
60Hz
113MHz
57MHz
na
1600
1200
UXGA
60Hz
166MHz
83MHz
na
N/A = not available
Table 3: Choosing the Correct Reconstruction Filter and Video Amplifier for TV Applications, ML6426 options
USING THE ML6426 IN MULTIPLE RESOLUTIONS
Several ML6426 devices can be used in parallel to
construct a selectable filter selection block ranging from
frequencies between 6.7 MHz to 50MHz. Each ML6426
can be individually controlled via the disable pin. In a
parallel configuration, as shown in Figure 3 and 7, several
ML6426 devices can be used and selected via general
purpose I/O or other logic to perform the proper
reconstruction filtering for the resolution of choice. This
configuration allows for a minimum of bill of materials
and reduces cost. Micro Linears ML6426 EVAL Kit
demonstrates multi-resolution designs. Furthermore, since
the ML6426 pin-out is identical for all the options, the
filters can be interchanged. This allows for ease of product
migration to integrate newer resolutions to filter and drive
various DAC outputs at different sampling frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com