Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6509CS Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML6509CS
Description  Active SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6509CS Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML6509CS Datasheet HTML 2Page - Micro Linear Corporation ML6509CS Datasheet HTML 3Page - Micro Linear Corporation ML6509CS Datasheet HTML 4Page - Micro Linear Corporation ML6509CS Datasheet HTML 5Page - Micro Linear Corporation ML6509CS Datasheet HTML 6Page - Micro Linear Corporation ML6509CS Datasheet HTML 7Page - Micro Linear Corporation ML6509CS Datasheet HTML 8Page - Micro Linear Corporation ML6509CS Datasheet HTML 9Page - Micro Linear Corporation ML6509CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ML6509
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6509CS
0°C to 70°C
16-pin SOIC (S16W)
ML6509CT (EOL)
0°C to 70°C
20-pin TSSOP (T20)
PHYSICAL DIMENSIONS inches (millimeters)
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or
design. Micro Linear does not assume any liability arising out of the application or use of any product
described herein, neither does it convey any license under its patent right nor the rights of others. The
circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no
warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of
others, and will accept no responsibility or liability for use of any application herein. The customer is urged
to consult with appropriate legal counsel before deciding on a particular application.
DS6509-01
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.400 - 0.414
(10.16 - 10.52)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
16
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S16W
16-Pin Wide SOIC
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Productsdescribedhereinmaybecoveredbyoneormoreofthefollowingpatents:4,897,611;4,964,026;5,027,116;5,281,862;5,283,483;5,418,502;5,508,570;5,510,727;5,523,940;5,546,017;5,559,470;
5,565,761; 5,594,376. Other patents are pending.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com