Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6509CT Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6509CT
Description  Active SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6509CT Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6509CT Datasheet HTML 1Page - Micro Linear Corporation ML6509CT Datasheet HTML 2Page - Micro Linear Corporation ML6509CT Datasheet HTML 3Page - Micro Linear Corporation ML6509CT Datasheet HTML 4Page - Micro Linear Corporation ML6509CT Datasheet HTML 5Page - Micro Linear Corporation ML6509CT Datasheet HTML 6Page - Micro Linear Corporation ML6509CT Datasheet HTML 7Page - Micro Linear Corporation ML6509CT Datasheet HTML 8Page - Micro Linear Corporation ML6509CT Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ML6509
GENERAL DESCRIPTION (Continued)
One unique feature of the ML6509 is its support for a Low
Power mode, for use in Notebook and portable computer
applications, where it provides a 1mA (approximately
2.5K
W termination) for less than 6" cable lengths. This
minimizes the battery drain significantly in such systems.
Current limiting and thermal shutdown protection are also
provided. The nine line configuration is optimal for wide
SCSI’s 18, 27, or 45 line termination needs.
NOTE :
The DISCNKT and LPWR lines have 200ký internal pullup resistors
connected to the supply. These pins should be left floating for normal
operation and should be connected to ground to enable the function.
PIN DESCRIPTION
NAME
DESCRIPTION
TERMPWR
Termination Power. Should be connected
to the SCSI TERMPWR line. A 10µF
tantalum local bypass capacitor is
recommended per system, as shown in
the application diagram
L1
Signal Termination 1. SCSI bus line 1
L2
Signal Termination 2. SCSI bus line 2
L3
Signal Termination 3. SCSI bus line 3
L4
Signal Termination 4. SCSI bus line 4
L5
Signal Termination 5. SCSI bus line 5
L6
Signal Termination 6. SCSI bus line 6
L7
Signal Termination 7. SCSI bus line 7
L8
Signal Termination 8. SCSI bus line 8
L9
Signal Termination 9. SCSI bus line 9
NAME
DESCRIPTION
VREF
2.85VREF Output. External decoupling
with a 10µF tantalum in parallel with a
0.1µF ceramic capacitor is
recommended, as shown in the
application diagram.
DISCNKT
Disconnect Terminator. Logic input to
disconnect the terminator from the bus
when the SCSI device no longer needs
termination due to not being the last
device on the bus or otherwise. Active
low input.
LPWR
Low Power Mode. Logic input to switch
the terminator mode to a ~2.5k
W
termination, with a 1mA drive capability,
meant for power conscious battery
applications which use SCSI devices
supporting cable lengths less than six
inches. Active low input.
GND
Ground. Signal Ground (0V)
HS
Heat Sink Ground. Should be connected
to GND.
PIN CONFIGURATION
20-Pin TSSOP
16-Pin SOIC
TERMPWR
NC
NC
GND
DISCNKT
LPWR
L1
L2
L9
L8
L7
VREF
L6
L5
L4
L3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TERMPWR
HS
NC
GND
NC
DISCNKT
LPWR
HS
L1
L2
L9
L8
HS
L7
VREF
L6
L5
L4
HS
L3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com