Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65244 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML65244
Description  High Speed Dual Quad Buffer/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65244 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML65244 Datasheet HTML 1Page - Micro Linear Corporation ML65244 Datasheet HTML 2Page - Micro Linear Corporation ML65244 Datasheet HTML 3Page - Micro Linear Corporation ML65244 Datasheet HTML 4Page - Micro Linear Corporation ML65244 Datasheet HTML 5Page - Micro Linear Corporation ML65244 Datasheet HTML 6Page - Micro Linear Corporation ML65244 Datasheet HTML 7Page - Micro Linear Corporation ML65244 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 1996
ML65244/ML65L244
*
High Speed Dual Quad Buffer/Line Drivers
BLOCK DIAGRAM
*This Part Is Obsolete
1
GENERAL DESCRIPTION
The ML65244 and ML65L244 are non-inverting dual quad
buffer/line drivers. The high operating frequency (50MHz
driving a 50pF load) and low propagation delay
(ML65244 – 1.7ns, ML65L244 – 2ns) make them ideal for
very high speed applications such as processor bus
buffering and cache and main memory control.
These buffers use a unique analog implementation to
eliminate the delays inherent in traditional digital designs.
Schottky clamps reduce under and overshoot, and special
output driver circuits limit ground bounce. The ML65244
and ML65L244 conform to the pinout and functionality of
the industry standard FCT244 and are intended for
applications where propagation delay is critical to the
system design.
Note: This part was previously numbered ML6582.
FEATURES
s Low propagation delay — 1.7ns ML65244
2.0ns ML65L244
s Fast Dual 4-bit TTL level buffer/line driver with tri-state
capability on the output (two 4-bit sections)
s TTL compatible input and output levels
s Schottky diode clamps on all inputs to handle
undershoot and overshoot
s Onboard schottky diodes minimize noise
s Reduced output swing of 0 – 4.1 volts
s Ground bounce controlled outputs, typically less
than 400mV
s Industry standard FCT244 type pinout
s Applications include high speed cache memory, main
memory, processor bus buffering, and graphics cards
1G
18
YAO
17
BO
16
YA1
15
B1
14
YA2
13
B2
12
YA3
11
B3
2
AO
3
YBO
4
A1
5
YB1
6
A2
7
YB2
8
A3
9
YB3
19
1
2G
GND
10
VCC
20
VCC


Similar Part No. - ML65244

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML65245 MICRO-LINEAR-ML65245 Datasheet
219Kb / 10P
High Speed Octal Buffer Transceivers
ML65245CK MICRO-LINEAR-ML65245CK Datasheet
219Kb / 10P
High Speed Octal Buffer Transceivers
ML65245CS MICRO-LINEAR-ML65245CS Datasheet
219Kb / 10P
High Speed Octal Buffer Transceivers
More results

Similar Description - ML65244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
logo
Texas Instruments
CD74HC240 TI-CD74HC240 Datasheet
38Kb / 8P
High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
logo
Micro Linear Corporatio...
ML65541 MICRO-LINEAR-ML65541 Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
Quad High Speed Differential Line Drivers
logo
Texas Instruments
DS26F31MQML TI-DS26F31MQML_15 Datasheet
342Kb / 12P
DS26F31MQML Quad High Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com