Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65245 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML65245
Description  High Speed Octal Buffer Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65245 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML65245 Datasheet HTML 1Page - Micro Linear Corporation ML65245 Datasheet HTML 2Page - Micro Linear Corporation ML65245 Datasheet HTML 3Page - Micro Linear Corporation ML65245 Datasheet HTML 4Page - Micro Linear Corporation ML65245 Datasheet HTML 5Page - Micro Linear Corporation ML65245 Datasheet HTML 6Page - Micro Linear Corporation ML65245 Datasheet HTML 7Page - Micro Linear Corporation ML65245 Datasheet HTML 8Page - Micro Linear Corporation ML65245 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 1996
ML65245**/ML65L245*
High Speed Octal Buffer Transceivers
BLOCK DIAGRAM
1
GENERAL DESCRIPTION
The ML65245 and ML65L245 are non-inverting octal
transceivers. The high operating frequency (50MHz
driving a 50pF load) and low propagation delay
(ML65245 – 1.7ns, ML65L245 – 2ns) make them ideal for
very high speed applications such as processor bus
buffering and cache and main memory control.
These transceivers use a unique analog implementation to
eliminate the delays inherent in traditional digital designs.
Schottky clamps reduce under and overshoot, and special
output driver circuits limit ground bounce. The ML65245
and ML65L245 conform to the pinout and functionality of
the industry standard FCT245 and are intended for
applications where propagation delay is critical to the
system design.
Note: This part was previously numbered ML6580.
FEATURES
s Low propagation delay — 1.7ns ML65245
2.0ns ML65L245
s Fast 8-bit TTL level transceiver with three-state
capability on the output
s TTL compatible input and output levels
s Schottky diode clamps on all inputs to handle
undershoot and overshoot
s Onboard schottky diodes minimize noise
s Reduced output swing of 0 – 4.1 volts
s Ground bounce controlled outputs, typically less
than 400mV
s Industry standard FCT245 type pinout
s Applications include high speed cache memory, main
memory, processor bus buffering, and graphics cards
** This Product Is End Of Life As Of August 1, 2000
* This Product Is Obsolete
OE
2
A0
3
A1
4
A2
5
A3
6
A4
7
A5
8
A6
9
A7
18
B0
17
B1
16
B2
15
B3
14
B4
13
B5
12
B6
11
B7
1
19
T/R
GND
10
VCC
20
VCC


Similar Part No. - ML65245

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML65244 MICRO-LINEAR-ML65244 Datasheet
372Kb / 8P
High Speed Dual Quad Buffer/Line Drivers
ML65244CK MICRO-LINEAR-ML65244CK Datasheet
372Kb / 8P
High Speed Dual Quad Buffer/Line Drivers
ML65244CS MICRO-LINEAR-ML65244CS Datasheet
372Kb / 8P
High Speed Dual Quad Buffer/Line Drivers
More results

Similar Description - ML65245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
Octal Bus Transceivers
logo
Micro Linear Corporatio...
ML65541 MICRO-LINEAR-ML65541 Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
ML65T541 MICRO-LINEAR-ML65T541 Datasheet
383Kb / 8P
3.3V High Speed Octal Buffer/Line Driver
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
OCTAL BUS TRANSCEIVERS
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com