Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65244CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML65244CS
Description  High Speed Dual Quad Buffer/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65244CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML65244CS Datasheet HTML 1Page - Micro Linear Corporation ML65244CS Datasheet HTML 2Page - Micro Linear Corporation ML65244CS Datasheet HTML 3Page - Micro Linear Corporation ML65244CS Datasheet HTML 4Page - Micro Linear Corporation ML65244CS Datasheet HTML 5Page - Micro Linear Corporation ML65244CS Datasheet HTML 6Page - Micro Linear Corporation ML65244CS Datasheet HTML 7Page - Micro Linear Corporation ML65244CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ML65244/ML65L244
FUNCTIONAL DESCRIPTION
The ML65244 and ML65L244 are very high speed non-
inverting buffer/line drivers with three-state outputs which
are ideally suited for bus-oriented applications. They
provide a low propagation delay by using an analog
design approach (a high speed unity gain buffer), as
compared to conventional digital approaches. The
ML65244 and ML65L244 follow the pinout and
functionality of the industry standard FCT244 series of
buffer/line drivers and are intended to replace them in
designs where the propagation delay is a critical part of
the system design considerations. The ML65244 and
ML65L244 are capable of driving load capacitances
several times larger than their input capacitance. They are
configured so that the Ai inputs go to the YAi outputs, with
the A side output enable controlled by 1G. Similarly, 2G
controls the Bi inputs which go to the YBi outputs.
These unity gain analog buffers achieve low propagation
delays by having the output follow the input with a small
offset. The output rise and fall times will closely match
those of the input waveform. All inputs and outputs have
Schottky clamp diodes to handle undershoot or overshoot
noise suppression in unterminated applications. All
outputs have ground bounce suppression (typically
< 400mV), high drive output capability with almost
immediate response to the input signal, and low
output skew.
The IOL current drive capability of a buffer/line driver is
often interpreted as a measure of its ability to sink current
in a dynamic sense. This may be true for CMOS buffer/
line drivers, but it is not true for the ML65244 and
ML65L244. This is because their sink and source current
capability depends on the voltage difference between the
output and the input. The ML65244 can sink or source
more than 100mA to a load when the load is switching
due to the fact that during the transition, the difference
between the input and output is large. IOL is only
significant as a DC specification, and is 25mA.
ARCHITECTURAL DESCRIPTION
Until now, buffer/line drivers have been implemented in
CMOS logic and made to be TTL compatible by sizing the
input devices appropriately. In order to buffer large
capacitances with CMOS logic, it is necessary to cascade
an even number of inverters, each successive inverter
larger than the preceding, eventually leading to an inverter
that will drive the required load capacitance at the
required frequency. Each inverter stage represents an
additional delay in the gating process because in order for
a single gate to switch, the input must slew more than half
of the supply voltage. The best of these CMOS buffers has
managed to drive a 50pF load capacitance with a delay of
3.2ns. Micro Linear has produced a dual quad buffer/line
driver with a delay less than 1.7ns by using a unique
circuit architecture that does not require cascaded logic
gates. The ML65244 uses a feedback technique to
produce an output that follows the input. If the output
voltage is not close to the input, then the feedback
circuitry will source or sink enough current to the load
capacitance to correct the discrepancy.
Figure 5. One buffer cell of the ML65244
Q1
IN
OUT
Q2
Q7
R2
R6
R5
GND
R4
Q4
Q3
R1
R8
R3
Q5
Q6
R7
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com