Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6554CU Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6554CU
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554CU Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6554CU Datasheet HTML 1Page - Micro Linear Corporation ML6554CU Datasheet HTML 2Page - Micro Linear Corporation ML6554CU Datasheet HTML 3Page - Micro Linear Corporation ML6554CU Datasheet HTML 4Page - Micro Linear Corporation ML6554CU Datasheet HTML 5Page - Micro Linear Corporation ML6554CU Datasheet HTML 6Page - Micro Linear Corporation ML6554CU Datasheet HTML 7Page - Micro Linear Corporation ML6554CU Datasheet HTML 8Page - Micro Linear Corporation ML6554CU Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ML6554
3
NOVEMBER, 1999
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
PVDD .......................................................................................... 5.0V
Voltage on Any Other Pin ...... GND – 0.3V to VIN + 0.3V
Average Switch Current (IAVG) .................................. 3.0A
Junction Temperature .......................................................
Storage Temperature Range .............................................
Lead Temperature (Soldering, 10 sec) ..............................
Thermal Resistance (
qJC)(Note 3) ........................... 2°C/W
Output Current, Source or Sink ................................. 3.0A
OPERATING CONDITIONS
Temperature Range ....................................... 0°C to 70°C
PVDD Operating Range ................................2.0V to 4.0V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, PVDD = 3.3V±10%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING REGULATOR
VTT
Output Voltage, SSTL_2
IOUT = 0,
VCCQ = 2.3V
1.12
1.15
1.18
V
(See Figure 1)
VREF = open
VCCQ = 2.5V
1.22
1.25
1.28
V
Note 2
VCCQ = 2.7V
1.32
1.35
1.38
V
IOUT = ±3A,
VCCQ = 2.3V
1.09
1.15
1.21
V
VREF = open
VCCQ = 2.5V
1.19
1.25
1.31
V
Note 2
VCCQ = 2.7V
1.28
1.35
1.42
V
VREFOUT Internal Resistor Divider
IOUT = 0
VCCQ = 2.3V
1.139
1.15
1.162
V
Note 2
VCCQ = 2.5V
1.238
1.25
1.263
V
VCCQ = 2.7V
1.337
1.35
1.364
V
ZIN
VREF Reference Pin Input Impedance
Note 2
VCCQ = 0
100
k
W
Switching Frequency
650
kHz
DVOFFSET Offset Voltage VTT – VREFOUT
VCCA = 2.5V No Load
VCCQ = 2.5
–12.5
12.5
mV
SUPPLY
IQ
Quiescent Current
IOUT = 0, no load
IVCCQ
10
µA
IAVCC
500
µA
IDVCC
7mA
BUFFER
IREF
Output Load Current
3
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: AVCC, PVDD = 3.3V ±10%
Note 3: Infinite heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com