Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6599CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6599CS
Description  Hot-Insertable Active SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6599CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6599CS Datasheet HTML 1Page - Micro Linear Corporation ML6599CS Datasheet HTML 2Page - Micro Linear Corporation ML6599CS Datasheet HTML 3Page - Micro Linear Corporation ML6599CS Datasheet HTML 4Page - Micro Linear Corporation ML6599CS Datasheet HTML 5Page - Micro Linear Corporation ML6599CS Datasheet HTML 6Page - Micro Linear Corporation ML6599CS Datasheet HTML 7Page - Micro Linear Corporation ML6599CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ML6599
being hot-inserted/removed should be inactive
(accomplished by grounding the
DISCNKT pin in the case
of the ML6599). If the terminator being inserted/removed
were in the active state, at some point in time the bus
would be terminated by either 1 or 3 terminators. In either
case, data integrity on the bus will be compromised.
Figure 2 gives an application diagram showing a typical
SCSI bus configuration. To ensure proper operation, the
TERMPWR pin must be connected to the SCSI
TERMPOWER line. Each ML6599 requires parallel 0.1
µF
and 10
µF capacitors connected between the VREF and
GND pins and the TERMPOWER line needs a 10
µF
bypass capacitor at each node in the system.
In an 8-bit wide SCSI bus arrangement (“A” Cable),
two ML6599s would be needed at each end of the SCSI
cable in order to terminate the 9 active signal lines.
16-bit wide SCSI would use three ML6599s, while 32-bit
wide SCSI bus would require five ML6599s.
In a typical SCSI subsystem, the open collector driver in
the SCSI transceiver pulls low when asserted. The
Figure 2. Application Diagram Showing Typical SCSI Bus Configuration with the ML6599
termination resistance serves as the pull-up when negated.
Figure 2 also shows a typical cable response to a pulse.
The receiving end of the cable will exhibit a single time
delay. When negated, the initial step will reach an
intermediate level (VSTEP). With higher SCSI data rates,
sampling could occur during this step portion. In order to
get the most noise margin, the step needs to be as high as
possible to prevent false triggering. For this reason the
regulator voltage and the resistor defining the MOSFET
characteristic are trimmed to ensure that the IO is as close
as possible to the SCSI maximum current specification.
VSTEP is defined as:
VSTEP = VOL + (IO × ZO)
where VOL is the driver output low voltage, IO is the
current from the receiving terminator, and ZO is the
characteristic impedance of the cable.
This is a very important characteristic that the terminator
helps to overcome by increasing the noise margin and
boosting the step as high as possible.
TERMPWR LINE
ML6599
TERMPWR
VREF
GND
L9
L2 L1
DISCNKT
0.1µF
10µF
TERMPWR
VREF
GND
L9
L1 L2
ML6599
DISCNKT
SCSI XCVR
SCSI XCVR
SCSI XCVR
VREG
VSTEP
VREG
tD
tD
LINE ASSERTED LINE NEGATED
0.1µF
10µF
. . .
. . .
VOL
SCSI CABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com