Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44310 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44310
Description  MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44310 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44310 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44310 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MC-Card Plug Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
MC-Card Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.514 [13.06]
Width/Dia., in [mm]
0.136 [3.45]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
MC-Card Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MC-Card Plug Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MC-Card Plug Connector Crimp/Solder Attachment For RG178, RG196 PE44310
URL: http://www.pasternack.com/mc-card-plug-standard-rg178-rg196-connector-pe44310-p.aspx
PE44310
PE44310 REV 01
MC-Card Plug Connector Crimp/Solder
Attachment For RG178, RG196


Similar Part No. - PE44310

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4431 PASTERNACK-PE4431 Datasheet
128Kb / 1P
N MALE CLAMP ATTACHMENT
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
PE44314 PASTERNACK-PE44314 Datasheet
248Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG6
More results

Similar Description - PE44310

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com