Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6599CT Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6599CT
Description  Hot-Insertable Active SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6599CT Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6599CT Datasheet HTML 1Page - Micro Linear Corporation ML6599CT Datasheet HTML 2Page - Micro Linear Corporation ML6599CT Datasheet HTML 3Page - Micro Linear Corporation ML6599CT Datasheet HTML 4Page - Micro Linear Corporation ML6599CT Datasheet HTML 5Page - Micro Linear Corporation ML6599CT Datasheet HTML 6Page - Micro Linear Corporation ML6599CT Datasheet HTML 7Page - Micro Linear Corporation ML6599CT Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ML6599
PIN CONFIGURATION
20-Pin TSSOP
16-Pin SOIC
TERMPWR
NC
NC
GND
DISCNKT
NC
L1
L2
L9
L8
L7
VREF
L6
L5
L4
L3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TERMPWR
HS
NC
GND
NC
DISCNKT
NC
HS
L1
L2
L9
L8
HS
L7
VREF
L6
L5
L4
HS
L3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NOTE :
The
DISCNKT line has a 200kΩ internal pullup resistor connected to the
supply. This pin should be left floating for normal operation and should
be connected to ground to enable the function.
PIN DESCRIPTION
NAME
DESCRIPTION
TERMPWR
Termination Power. Should be connected
to the SCSI TERMPWR line. A 10
µF
tantalum local bypass capacitor is
recommended per system, as shown in
the application diagram
L1
Signal Termination 1. SCSI Bus line 1
L2
Signal Termination 2. SCSI Bus line 2
L3
Signal Termination 3. SCSI Bus line 3
L4
Signal Termination 4. SCSI Bus line 4
L5
Signal Termination 5. SCSI Bus line 5
L6
Signal Termination 6. SCSI Bus line 6
L7
Signal Termination 7. SCSI Bus line 7
L8
Signal Termination 8. SCSI Bus line 8
L9
Signal Termination 9. SCSI Bus line 9
NAME
DESCRIPTION
VREF
2.85VREF Output. External decoupling
with a 10
µF tantalum in parallel with a
0.1
µF ceramic capacitor is
recommended, as shown in the
application diagram.
DISCNKT
Disconnect Terminator. Logic input to
disconnect the terminator from the bus
when the SCSI device no longer needs
termination due to not being the last
device on the bus or otherwise. Active
low input.
GND
Ground. Signal ground (0V)
HS
Heat Sink Ground. Should be
connected to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com