Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6691 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6691
Description  100BASE-T MII-to-PMD Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6691 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6691 Datasheet HTML 1Page - Micro Linear Corporation ML6691 Datasheet HTML 2Page - Micro Linear Corporation ML6691 Datasheet HTML 3Page - Micro Linear Corporation ML6691 Datasheet HTML 4Page - Micro Linear Corporation ML6691 Datasheet HTML 5Page - Micro Linear Corporation ML6691 Datasheet HTML 6Page - Micro Linear Corporation ML6691 Datasheet HTML 7Page - Micro Linear Corporation ML6691 Datasheet HTML 8Page - Micro Linear Corporation ML6691 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML6691
3
PIN DESCRIPTION (Continued)
PIN#
NAME
FUNCTION
20
RXCLK
Receive clock output. Continuous
25 MHz clock provides the timing
reference for the transfer of RXDV,
RXER, and RXD[3:0] to the MAC.
22
DCFR
Scrambler/descrambler disable. A
logic high on this input disables the
Stream Cipher scrambler/descrambler.
23
GND
Ground
24
LOCAL
Local/remote. A logic low on this input
places the ML6691 in remote mode, in
which the MII interface is disabled at
power on or after a reset operation.
When low, the isolate bit of the
Control register will be set upon power
up or reset.
25
RST
Reset. A logic high on this input resets
the Status and Control registers to their
default states.
26
CS
Chip select. A logic low is generated
on this output when the ML6691
detects an address match.
27
LPBK
Loopback. A logic low on this output
indicates the loopback function.
28
RXC
Receive symbol clock. A 25 MHz
clock input from the PMD layer. The
rising edge of RXC is used to sample
RSM[4:0].
PIN#
NAME
FUNCTION
29-33
RSM[4:0] Receive symbol data inputs. Symbol-
wide (encoded) data from the PMD
layer.
34
SD
Signal detect. A logic high on this
input indicates the presence of non-
quiet data. The internal signal, linkfail,
is enabled 330
µs after SD is asserted.
35-39
TSM[4:0] Transmit symbol data outputs. Symbol-
wide (encoded) data for transfer to the
PMD layer.
40
TXC
Transmit symbol clock input. Input
used to generate TXCLK. Use either a
25 MHz crystal or a 25 MHz clock
between TXC input and GND.
41
MDIO
Management data input/output. A
bi-directional signal used to transfer
control and status information
between the ML6691 and the MAC.
MDIO is synchronous to MDC.
42
MDC
Management data clock input. A low-
frequency aperiodic clock used as the
timing reference for transfer of
information on the MDIO signal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com