Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6695 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6695
Description  100BASE-X Fiber Physical Layer With 5-bit Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6695 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6695 Datasheet HTML 1Page - Micro Linear Corporation ML6695 Datasheet HTML 2Page - Micro Linear Corporation ML6695 Datasheet HTML 3Page - Micro Linear Corporation ML6695 Datasheet HTML 4Page - Micro Linear Corporation ML6695 Datasheet HTML 5Page - Micro Linear Corporation ML6695 Datasheet HTML 6Page - Micro Linear Corporation ML6695 Datasheet HTML 7Page - Micro Linear Corporation ML6695 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ML6695
3
PIN
NAME
FUNCTION
9
RSM3
Receive data TTL outputs. RSM 0-
4 output may be sampled
synchronously with RXC’s rising
edge.
10
DGND1
Digital ground
11
RSM2
Receive data TTL outputs. RSM 0-
4 output may be sampled
synchronously with RXC’s rising
edge.
12
DVCC1
Digital positive power supply
13
RSM1
Receive data TTL outputs. RSM 0-
4 output may be sampled
synchronously with RXC’s rising
edge.
14
DGND2
Digital ground
15
RSM0
Receive data TTL outputs. RSM 0-
4 output may be sampled
synchronously with RXC’s rising
edge.
16
RXC
Recovered receive symbol clock
TTL output. This 25MHz clock is
phase-aligned with the internal
125MHz bit clock recovered from
the signal received at VIN+/–.
Receive data are clocked out at
RSM 0-4 on the falling edges of
this clock.
17
DGND3
Digital ground
18
SDO
Signal Detect TTL output. This
output goes high when the signal
at VIN+/- exceeds the preset
amplitude threshold.
19
DVCC2
Digital positive power supply
20
DGND4C
Digital ground
21
DGND4B
Digital ground
22
DGND4
Digital ground
23
DVCC5
Digital positive power supply
24
DGND5B
Digital ground
25
DGND5A
Digital ground
PIN
NAME
FUNCTION
26
CAPDC
Data quantizer offset-correction
loop, offset-storage capacitor input
pin. The capacitor tied between
this pin and AVCC stores the
amplified data quantizer offset
voltage and also sets the dominant
pole in the offset-correction loop.
A 0.1µF surface mount is
recommended.
27
CAPB
Data quantizer input bias bypass
capacitor input. The capacitor tied
between this pin and AVCC filters
the quantizer’s internal input bias
reference. A 0.1µF surface-mount
capacitor is recommended.
28
AGND4B
Analog ground
29
VIN–
Receive quantizer input. This
differential input pair receives
100BASE-FX NRZI signals from the
network opto-coupler.
30
VIN+
Receive quantizer input. This
differential input pair receives
100BASE-FX NRZI signals from the
network opto-coupler.
31
AVCC4B
Analog positive power supply
32
AGND4A
Analog ground
33
AVCC4A
Analog positive power supply
34
AVCC3B
Analog positive power supply
35
AVCC3A
Analog positive power supply
36
RTSET
Transmit level bias resistor. For
100BASE-FX, an external 2.32k
W,
1% resistor connected between
RTSET and AGND3 sets a
precision constant bias current
that gives a nominal output "on"
current of 75mA at IOUT.
37
AGND3
Analog ground
38
IOUT
Transmit LED output. This pin
connects through an external 15
W
resistor to AVCC when the part is
used to drive a network LED.
PIN DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com