Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6696 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6696
Description  100BASE-X Fiber Physical Layer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6696 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6696 Datasheet HTML 8Page - Micro Linear Corporation ML6696 Datasheet HTML 9Page - Micro Linear Corporation ML6696 Datasheet HTML 10Page - Micro Linear Corporation ML6696 Datasheet HTML 11Page - Micro Linear Corporation ML6696 Datasheet HTML 12Page - Micro Linear Corporation ML6696 Datasheet HTML 13Page - Micro Linear Corporation ML6696 Datasheet HTML 14Page - Micro Linear Corporation ML6696 Datasheet HTML 15Page - Micro Linear Corporation ML6696 Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ML6696
13
BIT(S)
NAME
DESCRIPTION
R/W
DEFAULT
1.14
100BASE-X
1=Full duplex 100BASE-X capability
RO
i.6
Full Duplex
0=No full duplex 100BASE-X capability
1.13
100BASE-X
1=Half duplex 100BASE-X capability
RO
1
Half Duplex
0=No half duplex 100BASE-X capability
1.12-1.3
Not used
RO
0
1.2
Link Status
1=One and only one PHY-specific link is up
RO,LL
0
0=Link is down
1.1 - 1.0
Not used
RO
0
0.15
Reset
1=Reset registers 0 and 1 to default values
R/W, SC
0
0=Normal operation
0.14
Loopback
1=PMD loopback mode
R/W
0
0=Normal operation
0.13
Manual
1=100Mb/s
R/W
1
Speed Select
0=10Mb/s
0.12
Not used
RO
0
0.11
Power down
1=Power down
R/W
0
0=Normal operation
0.10
Isolate
1=Electrically isolate the ML6696 from MII
R/W
i.7
0=Normal operation
0.9
Not used
RO
0
0.8
Duplex mode
1=Full duplex select
R/W
i.6
0=Half duplex select
0.7
Collision Test
1=Enable COL signal test
R/W
0
0=Normal operation
0.6 - 0.0
Not Used
RO
0
Table 3. Management Register Function Bit Locations (Registers 0, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com