Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F002B3 Datasheet(PDF) 21 Page - Micron Technology

Part # MT28F002B3
Description  FLASH MEMORY
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F002B3 Datasheet(HTML) 21 Page - Micron Technology

Back Button MT28F002B3 Datasheet HTML 17Page - Micron Technology MT28F002B3 Datasheet HTML 18Page - Micron Technology MT28F002B3 Datasheet HTML 19Page - Micron Technology MT28F002B3 Datasheet HTML 20Page - Micron Technology MT28F002B3 Datasheet HTML 21Page - Micron Technology MT28F002B3 Datasheet HTML 22Page - Micron Technology MT28F002B3 Datasheet HTML 23Page - Micron Technology MT28F002B3 Datasheet HTML 24Page - Micron Technology MT28F002B3 Datasheet HTML 25Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
2Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
F48.p65 – Rev. 1/00
©2000, Micron Technology, Inc.
2Mb
SMART 3 BOOT BLOCK FLASH MEMORY
WORD-WIDE READ CYCLE1
,,
,,
,,
VALID DATA
VALID ADDRESS
CE#
A0-A16/(A17)
OE#
DQ0-DQ15
tRC
tACE
tAOE
tOD
tOH
tAA
,,
WE#
RP#
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
tRWH
DON’T CARE
UNDEFINED
,,
,
,
-9
-10 ET
SYMBOL
MIN
MAX
MIN
MAX
UNITS
TIMING PARAMETERS
Commercial Temperature (0
°C ≤ T
A ≤ +70°C)
Extended Temperature (-40
°C ≤ T
A ≤ +85°C)
-9
-10 ET
SYMBOL
MIN
MAX
MIN
MAX
UNITS
tRC
90
100
ns
tACE
90
100
ns
tAOE
45
50
ns
tAA
90
100
ns
NOTE: 1. BYTE# = HIGH (MT28F200B3 only).
tRWH
1,000
1,000
ns
tOD
25
45
ns
tOH
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com