Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F160C34 Datasheet(PDF) 21 Page - Micron Technology

Part # MT28F160C34
Description  FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F160C34 Datasheet(HTML) 21 Page - Micron Technology

Back Button MT28F160C34 Datasheet HTML 17Page - Micron Technology MT28F160C34 Datasheet HTML 18Page - Micron Technology MT28F160C34 Datasheet HTML 19Page - Micron Technology MT28F160C34 Datasheet HTML 20Page - Micron Technology MT28F160C34 Datasheet HTML 21Page - Micron Technology MT28F160C34 Datasheet HTML 22Page - Micron Technology MT28F160C34 Datasheet HTML 23Page - Micron Technology MT28F160C34 Datasheet HTML 24Page - Micron Technology MT28F160C34 Datasheet HTML 25Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
1 Meg x 16 3V Enhanced+ Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28F160C34_3.p65 – Rev. 3, Pub. 8/01
©2001, Micron Technology, Inc.
1 MEG x 16
3V ENHANCED+ BOOT BLOCK FLASH MEMORY
ADVANCE
READ AC TIMING CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS
(-40ºC
£ T
A £ +85ºC; VCC = 3.3V ±5%)
AC CHARACTERISTICS
-9
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
READ cycle time
tRC
90
ns
Access time from CE#
tACE
90
ns
1
Access time from OE#
tAOE
30
ns
1
Access time from address
tAA
90
ns
RP# HIGH to output valid delay
tRWH
600
ns
RP# LOW pulse width
tRP
100
ns
OE# or CE# HIGH to output in High-Z
tOD
25
ns
Output hold time from OE#, CE# or address change
tOH
0
ns
NOTE: 1. OE# may be delayed by tACE minus tAOE after CE# falls before tACE is affected.
READ CYCLE
VALID DATA
VALID ADDRESS
CE#
A0–A19
OE#
DQ0–DQ15
DON’T CARE
UNDEFINED
tRC
tACE
tAOE
tOD
tOH
tAA
WE#
RP#
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
tRWH
TIMING PARAMETERS
-9
SYMBOL
MIN
MAX
UNITS
tRC
90
ns
tACE
90
ns
tAOE
30
ns
tAA
90
ns
-9
SYMBOL
MIN
MAX
UNITS
tRWH
600
ns
tOD
25
ns
tOH
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com