Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ14203H Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203H
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203H Datasheet(HTML) 3 Page - Texas Instruments

  LMZ14203H Datasheet HTML 1Page - Texas Instruments LMZ14203H Datasheet HTML 2Page - Texas Instruments LMZ14203H Datasheet HTML 3Page - Texas Instruments LMZ14203H Datasheet HTML 4Page - Texas Instruments LMZ14203H Datasheet HTML 5Page - Texas Instruments LMZ14203H Datasheet HTML 6Page - Texas Instruments LMZ14203H Datasheet HTML 7Page - Texas Instruments LMZ14203H Datasheet HTML 8Page - Texas Instruments LMZ14203H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Exposed Pad
Connect to GND
5
SS
6
FB
3
EN
1
VIN
2
RON
4
GND
7
VOUT
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NDW Package
7-Pin TO-PMOD
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VIN
Power
Supply input — Additional external input capacitance is required between this pin and the exposed pad (EP).
ON-time resistor — An external resistor from VIN to this pin sets the ON-time and frequency of the
2
RON
Analog
application. Typical values range from 100k to 700k ohms.
3
EN
Analog
Enable — Input to the precision enable comparator. Rising threshold is 1.18 V.
4
GND
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
5
SS
Analog
Soft-Start — An internal 8-µA current source charges an external capacitor to produce the soft-start function.
Feedback — Internally connected to the regulation, overvoltage, and short-circuit comparators. The
6
FB
Analog
regulation reference point is 0.8 V at this input pin. Connect the feedback resistor divider between the output
and ground to set the output voltage.
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and the
7
VOUT
Power
EP.
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during operation.
—
EP
Ground
Must be electrically connected to pin 4 external to the package.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
43.5
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 s)
245
°C
Storage Temperature
–65
150
°C
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
For soldering specifications, see the application note Absolute Maximum Ratings for Soldering (SNOA549)
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com