Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3750 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS3750
Description  Dual H-Bridge Air-Core Gauge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3750 Datasheet(HTML) 2 Page - ON Semiconductor

  CS3750 Datasheet HTML 1Page - ON Semiconductor CS3750 Datasheet HTML 2Page - ON Semiconductor CS3750 Datasheet HTML 3Page - ON Semiconductor CS3750 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics: 7.5V
≤ V
CC ≤ 15V; -40°C ≤ TA ≤ +85°C; unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Note 1: Time required for output signal to rise to 90% of its amplitude after input signal switches.
Note 2: Time required for output signal to decrease to 10% of its amplitude after input signal switches.
s Output Stage
VOUT Saturation Voltage
IOUT = 100mA; VIN = 0V
0.25
0.50
V
(Low Side)
IOUT = 1mA; VIN = 0V
0.01
0.10
V
VOUT Offset Voltage
VC = 5V; IOUT = -30mA
15
50
mV
VOUT Saturation High Side
VIN = 5V;IOUT = -100mA
VS-2
VS-1.5
VS
V
Low Side
VIN = 0V;IOUT = -1mA
0.02
0.10
V
VOUT Differential
VC = 5V, IOUT = -100mA
100
mV
Matching Voltage
Supply Current
VIN = VDIR = 0;
23
45
mA
s Input Stage
VIN LOW
VIN decreasing; VDIR = 0V
0.8
1.9
V
HIGH
VIN increasing; VDIR = 0V
2.0
3.5
V
Hysteresis
VDIR = 0V
100
mV
IIN LOW
VIN = 0.8V; VDIR = 0V
20
100
µA
HIGH
VIN = 3.5V
0.4
100.0
µA
Output Slew Rate
VIN = 250Hz; RLOAD = 150Ω
0.2
0.8
V/us
with respect to input
Output Turn on Delay
VIN = 250Hz; RLOAD = 150Ω, note 1
1.5
6
µs
with respect to input
Output Turn off Delay
VIN = 250Hz; RLOAD = 150Ω, note 2
2.4
9
µs
with respect to input
s Direction
VDIR LOW
VIN = 5V; VDIR decreasing
0.8
1.9
V
HIGH
VIN = 5V; VDIR increasing
2.0
3.5
V
Hysteresis
VIN = 5V
100
mV
IDIR LOW
VIN = 0V; VDIR = 0.8V
40
100
µA
HIGH
VIN = 0V; VDIR = 3.5V
0.4
100
µA
Output Slew Rate
VIN = 5V; fDIR = 250Hz; C = 0µF
0.2
1.5
V/µs
with respect to DIR
Output Fall Time
VIN = 0V; VDIR = 0V; C = 0µF
0.2
2.0
µs
with respect to DIR
Output Turn on Delay
VIN = 5V; RLOAD = 150Ω
with respect to DIR
VDIR = 250Hz; C = 0µF, note 1
1
6
µs
Output Turn off Delay
VIN = 5V; RLOAD = 150Ω
with respect to DIR
VDIR = 250Hz; C = 0µF, note 2
2.5
9
µs
s Protection Functions
IOUT Current Limit
VIN = 5V
100
225
mA
(High Side Only)
Over Voltage Threshold
VIN = 5V
17.0
21.5
26.0
V
Hysteresis
0.5
V
Thermal Shutdown
160
°C
Hysteresis
20
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com