Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA000797170 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA000797170
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA000797170 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA000797170 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
IPP80P04P4-05
Issued
29. August 2013
MA#
MA000797170
Package
PG-TO220-3-1
Weight*
2035.48 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
4.029
0.20
0.20
1979
1979
leadframe
non noble metal
iron
7439-89-6
0.816
0.04
401
inorganic material
phosphorus
7723-14-0
0.245
0.01
120
non noble metal
copper
7440-50-8
815.335
40.07
40.12
400561
401083
wire
non noble metal
aluminium
7429-90-5
5.369
0.26
0.26
2637
2637
encapsulation
organic material
carbon black
1333-86-4
8.918
0.44
4381
plastics
epoxy resin
-
98.101
4.82
48195
inorganic material
silicondioxide
60676-86-0
487.531
23.95
29.21
239517
292093
leadfinish
non noble metal
tin
7440-31-5
21.462
1.05
1.05
10544
10544
plating
non noble metal
nickel
7440-02-0
0.244
0.01
120
inorganic material
phosphorus
7723-14-0
0.001
0.00
0.01
1
120
solder
noble metal
silver
7440-22-4
0.080
0.00
39
non noble metal
tin
7440-31-5
0.064
0.00
31
non noble metal
lead
7439-92-1
3.055
0.15
0.15
1501
1571
heatspreader
inorganic material
phosphorus
7723-14-0
0.177
0.01
87
non noble metal
iron
7439-89-6
0.590
0.03
290
non noble metal
copper
7440-50-8
589.466
28.96
29.00
289596
289973
*deviation
< 10%
Sum in total:
100,00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA000797170

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000797172 INFINEON-MA000797172 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results

Similar Description - MA000797170

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000851438 INFINEON-MA000851438 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000859868 INFINEON-MA000859868 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
MA000870990 INFINEON-MA000870990 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA000979032 INFINEON-MA000979032 Datasheet
28Kb / 1P
Material Content Data Sheet
29. August 2013
MA000990710 INFINEON-MA000990710 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001056742 INFINEON-MA001056742 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001082472 INFINEON-MA001082472 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001095596 INFINEON-MA001095596 Datasheet
29Kb / 1P
Material Content Data Sheet
28. August 2013
MA001114474 INFINEON-MA001114474 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001145362 INFINEON-MA001145362 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com