Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51992 Datasheet(PDF) 2 Page - Micropac Industries

Part # 51992
Description  CURRENT DRIVER DSCC DWG 5962-87617
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

51992 Datasheet(HTML) 2 Page - Micropac Industries

  51992 Datasheet HTML 1Page - Micropac Industries 51992 Datasheet HTML 2Page - Micropac Industries 51992 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/18/01
2
51992
CURRENT DRIVER
ELECTRICAL CHARACTERISTICS
(-55ºC ≤ Ta ≤ +125ºC)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Logical “1” Input Voltage
10V
≤ Vcc ≤ 45V
2.0
V
Logical “0” Input Voltage
10V
≤ Vcc ≤ 45V
0.8
V
Logical “1” Output Voltage
Vcc = 10V, Vin = 2V, Iout = 150mA
Vcc = 28V, Vin = 2V, RL = 82Ω
8.8
26.5
V
V
Logical “0” Output Voltage
Vcc = 45V, Vin = 0.8, RL = 1KΩ
10
mV
Logical “1” Input Current
Vcc = 45V, Vin = 2.4V
Vcc = 45V, Vin = 5.5V
5.0
100
µA
µA
Logical “0” Input Current
Vcc = 45V, Vin = 0.4V
-1.0
mA
“Off” Power Supply Current
Vcc = 45V, Vin = 0.8V
2.0
mA
“On” Power Supply Current
Vcc = 45V, Vin = 2V, Iout = 0mA
8.0
mA
Rise Time
Vcc = 28V, Vin = 5V, RL = 82Ω
300
ns
Fall Time
Vcc = 28V, Vin = 5V, RL = 82Ω
1.5
µs
Turn on Time
Vcc = 28V, Vin = 5V, RL = 82Ω
1.0
µs
Turn off Time
Vcc = 28V, Vin = 5V, RL = 82Ω
5.2
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com