Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813E Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC75813E
Description  Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813E Datasheet(HTML) 3 Page - ON Semiconductor

  LC75813E Datasheet HTML 1Page - ON Semiconductor LC75813E Datasheet HTML 2Page - ON Semiconductor LC75813E Datasheet HTML 3Page - ON Semiconductor LC75813E Datasheet HTML 4Page - ON Semiconductor LC75813E Datasheet HTML 5Page - ON Semiconductor LC75813E Datasheet HTML 6Page - ON Semiconductor LC75813E Datasheet HTML 7Page - ON Semiconductor LC75813E Datasheet HTML 8Page - ON Semiconductor LC75813E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD1 and VLCD2. (See Figure 1.)
No. 7159-3/26
LC75813E, 75813T
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
VOH1
S1 to S87: IO = –20 µA
VLCD – 0.9
Output high level voltage
VOH2
COM1 to COM4: IO = –100 µA
VLCD – 0.9
V
VOH3
P1 to P8: IO = –1 mA
VLCD – 0.9
VOL1
S1 to S87: IO = 20 µA
0.9
Output low level voltage
VOL2
COM1 to COM4: IO = 100 µA
0.9
V
VOL3
P1 to P8: IO = 1 mA
0.9
V
MID1
COM1 to COM4: 1/2 bias, I
O = ±100 µA
1/2 VLCD
1/2 VLCD +
0.9
0.9
V
MID2
S1 to S87: 1/3 bias, I
O = ±20 µA
2/3 VLCD
2/3 VLCD +
0.9
0.9
Output middle level voltage*1
V
MID3
S1 to S87: 1/3 bias, I
O = ±20 µA
1/3 VLCD
1/3 VLCD +
V
0.9
0.9
V
MID4
COM1 to COM4: 1/3 bias, I
O = ±100 µA
2/3 VLCD
2/3 VLCD +
0.9
0.9
V
MID5
COM1 to COM4: 1/3 bias, I
O = ±100 µA
1/3 VLCD
1/3 VLCD +
0.9
0.9
Oscillator frequency
fOSC
OSC: ROSC = 39 kΩ, COSC = 1000 pF
30.4
38
45.6
kHz
IDD1
VDD: Power-saving mode
5
IDD2
VDD: VDD = 6.0 V, output open, fOSC = 38 kHz
250
500
Current drain
ILCD1
VLCD: Power-saving mode
5
µA
ILCD2
VLCD: VLCD = 6.0 V, output open, 1/2 bias, fOSC = 38 kHz
200
400
ILCD3
VLCD: VLCD = 6.0 V, output open, 1/3 bias, fOSC = 38 kHz
120
240
Electrical Characteristics for the Allowable Operating Ranges
Figure 1
VSS
To the common segument drivers
VLCD2
VLCD1
Except these resistors
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com