Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T Datasheet(PDF) 18 Page - ON Semiconductor

Part # LC75813T
Description  Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LC75813T Datasheet HTML 14Page - ON Semiconductor LC75813T Datasheet HTML 15Page - ON Semiconductor LC75813T Datasheet HTML 16Page - ON Semiconductor LC75813T Datasheet HTML 17Page - ON Semiconductor LC75813T Datasheet HTML 18Page - ON Semiconductor LC75813T Datasheet HTML 19Page - ON Semiconductor LC75813T Datasheet HTML 20Page - ON Semiconductor LC75813T Datasheet HTML 21Page - ON Semiconductor LC75813T Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
No. 7159--18/26
LC75813E, 75813T
1/4 Duty, 1/2 Bias Drive Technique
1/4 Duty, 1/2 Bias Waveforms
VLCD1, VLCD2
VLCD
COM3
COM2
COM1
COM4
LCD driver output when all LCD segments
corresponding to COM1, COM2, COM3,
and COM4 are on.
LCD driver output when LCD segments
corresponding to COM2 and COM4 are on.
LCD driver output when only LCD segments
corresponding to COM4 are on.
LCD driver output when LCD segments
corresponding to COM1, COM2, and COM3 are on.
LCD driver output when LCD segments
corresponding to COM2 and COM3 are on.
LCD driver output when LCD segments
corresponding to COM1 and COM3 are on.
LCD driver output when only LCD segments
corresponding to COM3 are on.
LCD driver output when LCD segments
corresponding to COM1 and COM2 are on.
LCD driver output when only LCD segments
corresponding to COM2 are on.
LCD driver output when only LCD segments
corresponding to COM1 are on.
LCD driver output when all LCD segments
corresponding to COM1, COM2, COM3,
and COM4 are turned off.
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
VLCD1, VLCD2
VLCD
0V
fo[Hz]
When the control data FC = 0 : f0 =
384
fosc
When the control data FC = 1 : f0 =
192
fosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com