Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52421 Datasheet(PDF) 2 Page - Micropac Industries

Part # 52421
Description  SOLID STATE THERMOSTAT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52421 Datasheet(HTML) 2 Page - Micropac Industries

  52421 Datasheet HTML 1Page - Micropac Industries 52421 Datasheet HTML 2Page - Micropac Industries 52421 Datasheet HTML 3Page - Micropac Industries 52421 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/18/01
52421
SOLID STATE THERMOSTAT CONTROLLER
GENERAL ELECTRICAL SPECIFICATIONS
(25°C unless otherwise stated)
TEST
CONDITIONS
MIN
MAX
UNITS
Quiescent Power Supply
Current
Terminal #1 = +126 VDC
ILOAD (Terminals 3 and 4) = 0 A
RTD = Max
5.5
mA
Over voltage
Current Spikes
Between Terminals #1 and #2 = +180 VDC
For 5 seconds
RTD = Min
50.0
mA
Heater Current
Terminals #3 - #4 = Heater Load
Terminal #1 = +120 VDC
1.1
A
Output Off Current
Terminal #1 = +126 VDC
Between Terminals #3 and #4 =
R shunt
≤ 10 ohms
RTD = Max
TCASE = 25°C
TCASE = 125°C or TCASE = -55°C
±250
±1
uA
mA
Full Load
Saturation Voltage
Terminal #1 = +120 VDC
Test Load, 120 ohms
±5%, 250 Watts
RTD = Min
VSAT, Measured between Terminals #4 and #2
TCASE = 25°C
TCASE = 125°C or TCASE = -55°C
1.9
2.8
V
V
Self Test
Input
Impedance
Terminal #1 = +120 VDC
RTD = Max
As Measured between Terminals #8 and #9
5,000,000
Ω
On Time,
Load Current
Terminal #1 = +120 VDC
RTD switched Max to Min
Measuring the 10-90 time of the rising Heater
Load Current, Terminals #3 and #4
1.0
mS
Off Time,
Load Current
Terminal #1 = +120 VDC
RTD switched Min to Max
Measuring the 90-10 time of the falling
Heater Load Current, Terminals #3 and #4
2.0
mS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com