Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53012 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53012
Description  SPST SOLID-STATE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53012 Datasheet(HTML) 2 Page - Micropac Industries

  53012 Datasheet HTML 1Page - Micropac Industries 53012 Datasheet HTML 2Page - Micropac Industries 53012 Datasheet HTML 3Page - Micropac Industries 53012 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St, Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
03/15/01
53012
SPST SOLID-STATE RELAY
ELECTRICAL CHARACTERISTICS*
TA = +25° C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Current
13
16
MA
Control Voltage Range
See Table 1 – Bias
Resistance
3.8
32
VDC
Turn-Off Voltage
1.5
VDC
Turn-On Voltage
3.8
VDC
Continuous Operating
Output Voltage
60
VDC
Load Current
25ºC
1.0
Amps
On Resistance
0.2
0.3
Ohms
Output Capacitance
25V, 1MHz
400
pF
Thermal Resistance ΘJA
100
ºC/W
Thermal Resistance ΘJC
25
ºC/W
Rise Time, tr
10% - 90% Load Voltage
1000
µs
Fall Time, tr
90% - 10% Load Voltage
100
µs
On Delay, tdON
Min Turn On Volts
To 10% Load V
800
µs
Off Delay, tdOFF
Max Turn Off Volts
To 90% Load V
500
µs
Surge Voltage
5 Second Maximum
80
Volts
Leakage Current
Max Cont. Operating
Output V
10
µA
Dielectric Strength
I-0, 60 Hz Sine Wave
1000
VAC
RMS
Isolation Resistance
Input to Case, 500 V
10
9
Ohms
Current Surge
100 ms
2
Amps
DC
Overload Trip Current
40 ms Pulse
8.5
Amps
DC
NOTES:
1.
Limiting resistor may be required for VC > 6V. See Table 1
2.
Input transitions should be < 1 ms
3.
Maximum input frequency: 50Hz (Normal load). For shorted load, use:
fSC = 50 – (1.17 X VOUT)
4. tON = tr + tdON , tOFF = tf + tdOFF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com