Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53258 Datasheet(PDF) 3 Page - Micropac Industries

Part # 53258
Description  RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53258 Datasheet(HTML) 3 Page - Micropac Industries

  53258 Datasheet HTML 1Page - Micropac Industries 53258 Datasheet HTML 2Page - Micropac Industries 53258 Datasheet HTML 3Page - Micropac Industries 53258 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
02/15/01
Preliminary Data Sheet
53258
Radiation Tolerant 120VDC - 5A Solid State Relay
_______________________________________________________________________
INPUT
OUTPUT
ON
ON
OFF
OFF
Figure 1. Truth Table
RLOAD
+VC
3
2
1
-VC
4
+DC SUPPLY
OUTPUT GND
TOP VIEW
RS
Figure 2. Terminal Connections
PULSE
GENERATOR
50%
MONITOR
90%
ON
10%
OFF
MONITOR
2
50%
3
(INCLUDES PROBE AND
FIXTURE CAPACITANCE)
1
4
R = 20
V
= 40 V
L
VO
CL
LOAD
F
I
F
I
O
V
t
Z
= 50
O
R
t
= t
= 10ns
F
t
(100mV/mA)
= 25 pF
100
Figure 3. Switching Waveforms and Test Circuits



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com