Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61010 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61010
Description  PHOTODARLINGTON ?쏱IGTAIL?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61010 Datasheet(HTML) 2 Page - Micropac Industries

  61010 Datasheet HTML 1Page - Micropac Industries 61010 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut Str., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
6 - 3
61010
SILICON PHOTODARLINGTON “PIGTAIL” (TYPE GS3030)
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Light Current
61010-X01
61010-X02
61010-X03
IL
0.6
2
4
2.5
5
--
mA
VCE = 5.0V, H = 0 . 2 mW/cm
2
1
Dark Current
61010-XXX
ID
250
nA
VCE = 10V, H = 0
Collector-Emitter Breakdown Voltage
61010-XXX
BVCEO
15
V
IC = 100µA
Emitter-Collector Breakdown Voltage
61010-XXX
BVECO
5
V
IE = 100µA
Light Current Rise Time
61010-X01
61010-X02
61010-X03
tr
15
20
20
µs
µs
µs
RL = 100Ω, VCC = 5V, IL = 1.0mA
Saturation Voltage
61010-X0X
VCE (sat)
1.1
V
IC = 1mA, H = 0 . 2 mW/cm
2
Angular Response
61010-X0X
θ
12
degrees
2
NOTES:
1.
Irradiance in mW/cm2 from a tungsten source at a color temperature of 2870K..
2.
The angle between incidence for peak response and incidence for 50% of peak response.
ANGULAR RESPONSE
RELATIVE SPECTRAL RESPONSE
ANGLE [DEGREES]
-30
-20
-10
0
20
30
10
0
20
40
60
100
80
40
-40
WAVELENGTH [um]
0.4
0.5
0.6
0.7
0.9
1.0
0.8
0
20
40
60
100
80
1.1
0.3
0.2
1.2
10
30
50
70
90
PHOTO CURRENT versus TEMPERATURE
T - AMBIENT TEMPERATURE - °C
-50
-25
0
50
25
A
75
100
.0
0.1
125
1.0
10
V
=5V
CE
M = 2mw/cm 2
PUL S E RESPO NSE T EST
CIRC UIT AND W A V E F O R M
H
DU T
RL
OUT P U T
Vcc
IL
td
tr
ts
tf
10 %
90 %
IN PUT PU LS E
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Bias Voltage-Collector/Emitter
VCE
5
10
mA
Irradiance (H)
H
0.2
1
mW/cm2
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61010-001
Silicon Photodarlington in pigtail package, commercial version
1 to 4mA
61010-101
Silicon Photodarlington in pigtail package (-55° to +125°C) with 100% screening
1 to 4mA
61010-002
Silicon Photodarlington in pigtail package, commercial version
3 to 7mA
61010-102
Silicon Photodarlington in pigtail package (-55° to +125°C) with 100% screening
3 to 7mA
61010-003
Silicon Photodarlington in pigtail package, commercial version
+6mA
61010-103
Silicon Photodarlington in pigtail package (-55° to +125°C) with 100% screening
+6mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com