Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G55-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55-R0
Description  no adjustment is necessary for os cillation circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CSTCE12M0G55-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CSTCE12M0G55-R0
Appearance & Shape
Applications
Other Usage
Consumer/Industrial
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
180mm Embossed Tape
3000
Features
MURATA's package technology expertise has enabled the
development of the Chip "CERALOCK" with built-in load capacitors.
High-density mounting can be realized because of the small
package and the elimination of the need for an external load
capacitor.
Features
1. Oscillation circuits do not require external load capacitors.
2. The series is available in a wide frequency range.
3. The resonators are extremely small and have a low profile.
4. No adjustment is necessary for oscillation circuits.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2015/11/23


Similar Part No. - CSTCE12M0G55-R0

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CSTCE12M0G55-R0 MICROCHIP-CSTCE12M0G55-R0 Datasheet
387Kb / 26P
Breakout Module
2012
logo
Murata Manufacturing Co...
CSTCE12M0G55-R0 MURATA1-CSTCE12M0G55-R0 Datasheet
395Kb / 2P
Crystal Units/MEMS Resonators
02/28/2024
CSTCE12M0G55-R0 MURATA1-CSTCE12M0G55-R0_V01 Datasheet
395Kb / 2P
Crystal Units/MEMS Resonators
02/28/2024
More results

Similar Description - CSTCE12M0G55-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCC3M00G56Z-R0 MURATA-CSTCC3M00G56Z-R0 Datasheet
181Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M45G56-R0 MURATA-CSTCC3M45G56-R0 Datasheet
181Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M58G56A-B0 MURATA-CSTCC3M58G56A-B0 Datasheet
182Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M64G56Z-R0 MURATA-CSTCC3M64G56Z-R0 Datasheet
183Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M84G53-R0 MURATA-CSTCC3M84G53-R0 Datasheet
180Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC8M00G53A-B0 MURATA-CSTCC8M00G53A-B0 Datasheet
191Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE10M0G52Z-B0 MURATA-CSTCE10M0G52Z-B0 Datasheet
184Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE10M0G55Z-R0 MURATA-CSTCE10M0G55Z-R0 Datasheet
183Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE11M6G55-R0 MURATA-CSTCE11M6G55-R0 Datasheet
183Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE12M0G15C99-R0 MURATA-CSTCE12M0G15C99-R0 Datasheet
182Kb / 3P
no adjustment is necessary for os cillation circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com